Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF8-RL Datasheet(PDF) 59 Page - Analog Devices

Part # ADE7566ASTZF8-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL Datasheet(HTML) 59 Page - Analog Devices

Back Button ADE7566ASTZF8-RL Datasheet HTML 55Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 56Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 57Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 58Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 59Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 60Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 61Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 62Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 59 of 144
Active Power Gain Calibration
Active Power Sign Detection
Figure 65 shows the signal processing chain for the active power
calculation in the ADE7566/ADE7569/ADE7166/ADE7169. As
explained previously, the active power is calculated by filtering
the output of the multiplier with a low-pass filter. Note that
when reading the waveform samples from the output of LPF2,
the gain of the active energy can be adjusted by using the
multiplier and watt gain register (WGAIN[11:0]). The gain is
adjusted by writing a twos complement 12-bit word to the watt
gain register. Equation 12 shows how the gain adjustment is
related to the contents of the watt gain register.
The ADE7566/ADE7569/ADE7166/ADE7169 detect a change
of sign in the active power. The APSIGN flag in the Interrupt
Status 1 SFR (MIRQSTL, 0xDC) records when a change of sign
has occurred according to Bit APSIGN in the ACCMODE
register (0x0F). If the APSIGN flag is set in the Interrupt Enable
1 SFR (MIRQENL, 0xD9), the 8052 core has a pending ADE
interrupt. The ADE interrupt stays active until the APSIGN
status bit is cleared (see the Energy Measurement Interrupts
section).
When APSIGN in the ACCMODE register (0x0F) is cleared
(default), the APSIGN flag in the Interrupt Status 1 SFR
(MIRQSTL, 0xDC) is set when a transition from positive–to-
negative active power has occurred.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎭
⎬
⎫
⎩
⎨
⎧ +
×
=
12
2
1
WGAIN
Power
Active
WGAIN
Output
(12)
For example, when 0x7FF is written to the watt gain register, the
power output is scaled up by 50% (0x7FF = 2047d, 2047/212 = 0.5).
Similarly, 0x800 = −2048d (signed, twos complement) and
power output is scaled by –50%. Each LSB scales the power
output by 0.0244%. The minimum output range is given when
the watt gain register contents are equal to 0x800 and the
maximum range is given by writing 0x7FF to the watt gain
register. This can be used to calibrate the active power (or
energy) calculation in the ADE7566/ADE7569/ADE7166/
ADE7169.
When APSIGN in the ACCMODE register (0x0F) is set, the
APSIGN flag in the MIRQSTL SFR is set when a transition
from negative to positive active power occurrs.
Active Power No-Load Detection
The ADE7566/ADE7569/ADE7166/ADE7169 include a no-
load threshold feature on the active energy that eliminates any
creep effects in the meter. The part accomplishes this by not
accumulating energy if the multiplier output is below the no-
load threshold. When the active power is below the no-load
threshold, the APNOLOAD flag in the Interrupt Status 1 SFR
(MIRQSTL, 0xDC) is set. If the APNOLOAD bit is set in the
Interrupt Enable 1 SFR (MIRQENL, 0xD9), the 8052 core has a
pending ADE interrupt. The ADE interrupt stays active until
the APNOLOAD status bit is cleared (see the
Active Power Offset Calibration
The ADE7566/ADE7569/ADE7166/ADE7169 also incorporate
an active power offset register (WATTOS[15:0]). It is a signed,
twos complement, 16-bit register that can be used to remove
offsets in the active power calculation (see
Energy
Measurement Interrupts
Figure 63). An offset
can exist in the power calculation due to crosstalk between
channels on the PCB or in the IC itself. The offset calibration
allows the contents of the active power register to be maintained
at 0 when no power is being consumed.
section).
The no-load threshold level is selectable by setting the
APNOLOAD bits in the NLMODE register (0x0E). Setting
these bits to 0b00 disables the no-load detection, and setting
them to 0b01, 0b10, or 0b11 sets the no-load detection
threshold to 0.015%, 0.0075%, or 0.0037% of the multiplier’s
full-scale output frequency, respectively. The IEC 62053-21
specification states that the meter must start up with a load
equal to or less than 0.4% IPB, which translates to .0167% of the
full-scale output frequency of the multiplier.
The 256 LSBs (WATTOS = 0x0100) written to the active power
offset register are equivalent to 1 LSB in the waveform sample
register. Assuming the average value, output from LPF2 is
0xCCCCD (838,861d) when inputs on the voltage and current
channels are both at full scale. At −60 dB down on the current
channel (1/1000 of the current channel full-scale input), the
average word value output from LPF2 is 838.861 (838,861/1,000).
One LSB in the LPF2 output has a measurement error of
1/838.861 × 100% = 0.119% of the average value. The active
power offset register has a resolution equal to 1/256 LSB of the
waveform register. Therefore, the power offset correction
resolution is 0.000464%/LSB (0.119%/256) at −60 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com