Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2196 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2196
Description  3V PCS LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2196 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2196 Datasheet HTML 1Page - RF Micro Devices RF2196 Datasheet HTML 2Page - RF Micro Devices RF2196 Datasheet HTML 3Page - RF Micro Devices RF2196 Datasheet HTML 4Page - RF Micro Devices RF2196 Datasheet HTML 5Page - RF Micro Devices RF2196 Datasheet HTML 6Page - RF Micro Devices RF2196 Datasheet HTML 7Page - RF Micro Devices RF2196 Datasheet HTML 8Page - RF Micro Devices RF2196 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
4
VPD2
3
MODE
2
VPD1
13
14
15
16
1
10 VCC
11 VCC1
12 VCC1
5
67
8
9
RF2196
3V PCS LINEAR POWER AMPLIFIER
The RF2196 is a high-power, high-efficiency linear amplifier IC targeting
3V handheld systems. The device is manufactured on an advanced Gal-
lium Arsenide process, and has been designed for use as the final RF
amplifier in 3V CDMA and CDMA2000 handsets as well as other applica-
tions in the 1750MHz to 1910MHz band. The RF2196 has a low power
mode to extend battery life under low output power conditions. The pack-
age is an ultra small 4mmx4mm, 16-pin QFN plastic package with back-
side ground.
Features
Single 3V Supply
29dBm Linear Output Power
35% Linear Efficiency
Low Power Mode (Up to
20dBm)
55mA Idle Current
Applications
3V CDMA PCS Handsets
3V CDMA KPCS Handsets
3V TDMA/GAIT PCS Handsets
3V CDMA 2000 PCS Hand-
sets
Spread-Spectrum Systems
Portable Battery-Powered
Equipment
RF2196
3V PCS Linear Power Amplifier
RF2196PCBA-41X
Fully Assembled Evaluation Board
Rev A3 DS070730
RF21963V
PCS Linear
Power Ampli-
fier
RoHS Compliant & Pb-Free Product
Package Style: QFN, 16-Pin, 4 x 4


Similar Part No. - RF2196

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
3V PCS LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196 Datasheet
213Kb / 10P
3V PCS LINEAR POWER AMPLIFIER
RF2196PCBA RFMD-RF2196PCBA Datasheet
180Kb / 8P
3V PCS LINEAR POWER AMPLIFIER
RF2196PCBA-41X RFMD-RF2196PCBA-41X Datasheet
213Kb / 10P
3V PCS LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196_06 Datasheet
213Kb / 10P
3V PCS LINEAR POWER AMPLIFIER
More results

Similar Description - RF2196

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2146 RFMD-RF2146 Datasheet
129Kb / 8P
PCS LINEAR POWER AMPLIFIER
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
PCS CDMA/TDMA 3V POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
3V PCS LINEAR POWER AMPLIFIER
logo
Raytheon Company
RMPA1951-102 RAYTHEON-RMPA1951-102 Datasheet
200Kb / 17P
3V PCS CDMA Power Amplifier Module
logo
RF Micro Devices
RF2196 RFMD-RF2196_06 Datasheet
213Kb / 10P
3V PCS LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_06 Datasheet
203Kb / 10P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com