Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4947PD Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4947PD
Description  5V-0.5A VERY LOW DROP REGULATOR WITH RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4947PD Datasheet(HTML) 1 Page - STMicroelectronics

  L4947PD Datasheet HTML 1Page - STMicroelectronics L4947PD Datasheet HTML 2Page - STMicroelectronics L4947PD Datasheet HTML 3Page - STMicroelectronics L4947PD Datasheet HTML 4Page - STMicroelectronics L4947PD Datasheet HTML 5Page - STMicroelectronics L4947PD Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
L4947PD
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
PRECISE OUTPUT VOLTAGE (5V
± 4%)
OVER FULL TEMPERATURE RANGE
(– 40 / 125
°C)
VERY LOW VOLTAGE DROP (0.75Vmax)
OVER FULL T RANGE
OUTPUT CURRENT UP TO 500mA
RESET FUNCTION
POWER-ON RESET DELAY PULSE DE-
FINED BY THE EXTERNAL CAPACITOR
+ 80V LOAD DUMP PROTECTION
– 80V LOAD DUMP PROTECTION
REVERSE VOLTAGE PROTECTION
SHORT CIRCUIT PROTECTION AND THER-
MAL SHUT-DOWN (with hysteresis)
LOW START UP CURRENT
DESCRIPTION
The L4947PD is a monolithic integrated circuit in
HiPSO package specially designed to provide a
stabilized supply voltage for automotive and in-
dustrial electronic systems. Thanks to its very low
voltage drop, in automotive applications the
L4947PD can work correctly even during the
cranking phase, when the battery voltage could
fall as low as 6V. Furthermore, it incorporates a
complete range of protection circuits against the
dangerous overvoltages always present on the
battery rail of the car. The reset function makes
the device particularly suited to supply microproc-
essor based systems : a signal is available (after
an externally programmable delay) to reset the
microprocessor at power-on phase ; at power-off,
this signal becomes low inhibiting the microproc-
essor.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
June 2000
®
DUMP
PROTECT.
START
REF.
THERMAL
PROTECTION
RESET
CIRCUIT
ERROR
AMP.
OUTPUT
CURRENT
LIMITER
ANTI
SAT.
PNP OUTPUT
TRANSISTOR
D94AT106
17
1-20
INPUT
DELAY CAPACITOR
2
OUTPUT
3
RESET
OUTPUT
19
GROUND
1-20
BLOCK DIAGRAM
PowerSO20
ORDERING NUMBER: L4947PD
1/6


Similar Part No. - L4947PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4947 STMICROELECTRONICS-L4947 Datasheet
57Kb / 6P
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
Jun-2000
logo
List of Unclassifed Man...
L4947 ETC2-L4947 Datasheet
56Kb / 3P
VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET
logo
STMicroelectronics
L4947R STMICROELECTRONICS-L4947R Datasheet
57Kb / 6P
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
Jun-2000
More results

Similar Description - L4947PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L387A STMICROELECTRONICS-L387A Datasheet
81Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Oct-1991
L4922 STMICROELECTRONICS-L4922 Datasheet
50Kb / 6P
VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
Jun-2000
L4941 STMICROELECTRONICS-L4941 Datasheet
948Kb / 14P
VERY LOW DROP 1A REGULATOR
Jan-2004
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
5V VERY LOW DROP VOLTAGE REGULATOR
Mar-1999
L4947 STMICROELECTRONICS-L4947 Datasheet
57Kb / 6P
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L387A STMICROELECTRONICS-L387A_03 Datasheet
245Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
L4941 STMICROELECTRONICS-L4941_06 Datasheet
952Kb / 17P
Very low drop 1A regulator
15-Sep-2006
L387AH STMICROELECTRONICS-L387AH Datasheet
262Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
logo
List of Unclassifed Man...
L487 ETC2-L487 Datasheet
56Kb / 3P
VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com