Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2EDF7175F Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # 2EDF7175F
Description  Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDF7175F Datasheet(HTML) 4 Page - Infineon Technologies AG

  2EDF7175F Datasheet HTML 1Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 2Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 3Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 4Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 5Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 6Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 7Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 8Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Final datasheet
4
Rev.2.9
2024-05-16
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Description
1
Description
The gate drivers of the EiceDRIVER™ 2EDi product family are designed for fast-switching, medium to high power
systems with MOSFET switches. They are optimized for high timing accuracy over temperature and production
spread. The reliable accurate timing simplifies system design and provides better power conversion efficiency.
The 2EDSx, 2EDFx dual-channel reinforced (safe) and functional isolated product variants are available with
different drive strengths: 4 A/8 A for low-ohmic power MOSFETs, 1 A/2 A for higher Ron MOSFETs or slower
switching transients (EMI). The 1 A/2 A reinforced isolation driver can also be used as a PWM Data Coupler in
combination with a non-isolated boost gate driver such as 1EDNx 4 A/8 A placed in closest proximity to the
Superjunction power switches.
Two independent and galvanically isolated gate driver channels ensure that all 2EDi versions can be used in any
possible configuration of low- and high-side switches.
Improved system robustness is supported by min. 150 V/ns Common Mode Transient Immunity (CMTI), PWM
inputs with 18 ns noise filter, UVLO on output side including a safety self-lock-down of driver outputs in case of
input UVLO (VDDI < 3 V), PWM outputs with up to 5 A peak reverse current capability and an intrinsically robust
gate driver design.
1.1
EiceDRIVER™ 2EDi product family device overview
The 2EDi product table is provided as a first quick device selection guide; more detailed specifications are
provided in the product features, package dimension and testing chapters of this datasheet.
Find current information on configurations and application notes under www.infineon.com/2EDi
Table 1
EiceDRIVER™ 2EDi product family device overview
Part
number1)
1) For device ordering information and device marking see Chapter 7.1, Table 30
Package
Source/sink
current
UVLO
Input-to-output isolation
Isolation
class
Rating
Surge testing
Safety
certification
2EDF7275F
NB-DSO16
10 mm ×
6mm
4A/8 A
4V
Functional VIO = 1.5 kVDC
n.a
n.a
2EDF8275F
8 V
2EDF9275F
13 V
2EDF7175F
1 A/2 A
4 V
2EDF7275K
LGA13
5 mm × 5 mm
4A/8 A
4 V
2EDS8265H
WB-DSO16
10.3 mm ×
10.3 mm
4A/8 A
8 V
Reinforced
VIOTM = 8 kVpk
(VDE0884-10 2))
VISO = 5.7 kVrms
(UL1577)
VIOSM =10 kVpk
(IEC60065)
VDE0884-10 2)
UL1577, CSA
No.5A
EN 62368-1 3)
GB 4943.1-2022,
IEC 62368-1
2) Tested according to VDE0884-10 specifications with certification no longer available due to standard expiration
3) EN 62368-1 only applies to 2EDS8265H and 2EDS8165H
2EDS9265H
13 V
2EDS7165H
1A/2 A
4V
2EDS8165H
8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com