Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2EDF7175F Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # 2EDF7175F
Description  Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDF7175F Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button 2EDF7175F Datasheet HTML 9Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 10Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 11Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 12Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 13Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 14Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 15Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 16Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Final datasheet
13
Rev.2.9
2024-05-16
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Device characteristics
4.2
Thermal characteristics
Table 6
Thermal characteristics at Tamb= 25°C
Parameter
Symbol
Values
Unit Note or
Test Condition
Min.
Typ.
Max.
PG-TFLGA-13-4
Thermal resistance junction-
ambient 1)
1) Obtained in a simulation on a JEDEC-standard, high-K board, as specified in JESD51-7, in an environment described in
JESD51-2a
RthJA25
–
134
–
K/W –
Thermal resistance junction-case
(top) 2)
2) Obtained by simulating a cold plate test on the package top. No specific JEDEC standard test exists, but a close
description can be found in the ANSI SEMI standard G30-88
RthJC25
–55–
K/W –
Thermal resistance junction-board 3)
3) Obtained by simulating in an environment with a ring cold plate fixture to control the PCB temperature, as described in
JESD51-8
RthJB25
–73–
K/W –
Characterization parameter
junction-top 4)
4) Estimates the junction temperature of a device in a real system and is extracted from the simulation data for obtaining
Rth, using a procedure described in JESD51-2a (sections 6 and 7)
ΨthJT25
–8–
K/W –
Characterization parameter
junction-board 4)
ΨthJB25
–70–
K/W –
PG-DSO-16-11
Thermal resistance junction-
ambient 1)
RthJA25
–51–
K/W –
Thermal resistance junction-case
(top) 2)
RthJC25
–25–
K/W –
Thermal resistance junction-board 3)
RthJB25
–36–
K/W –
Characterization parameter
junction-top 4)
ΨthJT25
–4.4
–
K/W –
Characterization parameter
junction-board 4)
ΨthJB25
–5.4
–
K/W –
PG-DSO-16-30
Thermal resistance junction-
ambient 1)
RthJA25
–59–
K/W –
Thermal resistance junction-case
(top) 2)
RthJC25
–32–
K/W –
Thermal resistance junction-board 3)
RthJB25
–33–
K/W –
Characterization parameter
junction-top 4)
ΨthJT25
–8.9
–
K/W –
Characterization parameter
junction-board 4)
ΨthJB25
–7.7
–
K/W –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com