Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2EDF7175F Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # 2EDF7175F
Description  Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDF7175F Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button 2EDF7175F Datasheet HTML 17Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 18Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 19Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 20Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 21Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 22Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 23Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 24Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Final datasheet
21
Rev.2.9
2024-05-16
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Device characteristics
Table 25
Input-to-output isolation specification according to DIN V, VDE0884-10 (2016-06)1)
in WB PG-DSO-16-30
1) VDE encompasses former VDE0884-10, IEC60747-5-5 (opto-coupler standard)
Parameter
Symbol
Values
Unit Note or Test Condition
Min.
Typ.
Max.
Maximum transient isolation
voltage
VIOTM
8000
–
–
Vpk Qualification for t = 60 s;
production test with
VIOTM > 10 kVpk for t =1 s
Maximum repetitive peak
isolation voltage
VIORM
1420
–
–
Vpk Time Dependent Dielectric
Breakdown test method
Maximum isolation working
voltage
VIOWM
1420
–
–
VDC
1000
–
–
VRMS
Partial discharge voltage
VPD
4500
–
–
Vpk Test sequence: 10.2 kVpk for
t =1s followed by partial
discharge 4.5 kVpk > 1.875 ×
VIOWM , QPD < 5 pC; production
test
Maximum surge isolation
voltage
VIOSM
6250
–
–
Vpk VIOSM_test = 1.6 × VIOSM>10 kVpk;
sample tested 2)
2) Surge pulse tests applied according to IEC60065-10.1
(Ed 8.0 2014), 61000-4-5, 60060-1; waveforms (1.2 µs slope, 50 µs
decay)
Package clearance
CLR
–
8.0
–
mm From any input pin to any
output pin
Package creepage
CPG
–
8.0
–
mm From any input pin to any
output pin
Overvoltage category per
IEC 60664-1 table F.1
–
I
–
IV
Rated mains voltage
≤ 150 VRMS
I
–
III
≤ 300 VRMS
I–
II
≤ 600 VRMS
Capacitance input-to-output
CIO
–2
–
pF
–
Resistance input-to-output
RIO
–
>1000
–
MΩ –
Common Mode Transient
Immunity
CMTI
150
–
–
V/ns According to DIN V VDE V0884-
11, static and dynamic test
Table 26
Reinforced isolation package characteristics (in WB PG-DSO-16-30)
Parameter
Symbol
Values
Unit Note or Test Condition
Min.
Typ.
Max.
Comparative Tracking Index
of package mold
CTI
400
–
600
V
According to DIN EN 60112
(VDE 0303-11)
Material group
–
–
II
–
–
According to IEC 60112
Pollution degree
–
–
2
–
–
–
Climatic category
–
–
40/125/
21
––
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com