Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2EDF7175F Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # 2EDF7175F
Description  Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDF7175F Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button 2EDF7175F Datasheet HTML 16Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 17Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 18Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 19Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 20Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 21Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 22Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 23Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Final datasheet
20
Rev.2.9
2024-05-16
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Device characteristics
4.5.2
Reinforced isolation of devices in WB PG-DSO-16-30 package
The PG-DSO-16-30 package is available for 2EDS8265H, 2EDS9265H, 2EDS8165H and 2EDS7165H. The safety
related certifications are listed in Table 23, Table 24 and the isolation related parameters are shown in Table 25
to Table 29.
Table 21
Package characteristics (NB PG-DSO-16-11)
Parameter
Symbol
Values
Unit Note or Test Condition
Min.
Typ.
Max.
Comparative Tracking Index
of package mold
CTI
400
–
600
V
According to DIN EN 60112
(VDE 0303-11)
Material group
–
–
II
–
–
According to IEC 60112
Table 22
Channel-to-channel isolation (NB PG-DSO-16-11)
Parameter
Symbol
Values
Unit Note or Test Condition
Min.
Typ.
Max.
Functional isolation test
voltage
VCh2Ch-DC-
Test
1500
–
–
VDC
Impulse test >10 ms; sample
tested
Package Creepage
CPG
–
2.5
–
mm Shortest distance over
surface, from output pin Ch1-
GND to output pin Ch2-VDD
Table 23
Component safety-related certificates for WB PG-DSO-16-30
Certification
Issuing certification body
Certification status
Certification number
DIN V VDE V 0884-10
VDE
Certified 1)
1) Certification no longer available due to standard expiration
40043864
UL1577, CSA No.5A
UL
Certified
E311313
Table 24
System safety-related certifications for WB PG-DSO-16-30
Certification
Issuing certification body
Certification status
Certification number
DIN EN 62368-1 (VDE 0868-1) 1)
1) EN 62368-1 only applies to 2EDS8265H and 2EDS8165H
VDE
Certified
40050289
GB 4943.1-2022
CQC
Certified
CQC23001416212 2)
2) Only applies to 2EDS8265H and 2EDS9265H
GB 4943.1-2022
CQC
Certified
CQC23001416211 3)
3) Only applies to 2EDS8165H and 2EDS7165H
IEC 62368-1
CQC
Certified
CN64553 3)
IEC 62368-1
CQC
Certified
CN64554 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com