Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2EDF7175F Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # 2EDF7175F
Description  Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDF7175F Datasheet(HTML) 1 Page - Infineon Technologies AG

  2EDF7175F Datasheet HTML 1Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 2Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 3Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 4Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 5Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 6Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 7Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 8Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Final datasheet
Please read the Important Notice and Warnings at the end of this document
Rev. 2.9
www.infineon.com
2024-05-16
EiceDRIVER™ 2EDi product family
Fast, robust, dual-channel, functional and reinforced isolated
MOSFET gate-driver with accurate and stable timing
Description
The EiceDRIVER™ 2EDi is a family of fast dual-channel isolated MOSFET gate-driver ICs providing functional
(2EDFx) or reinforced (2EDSx) input-to-output isolation by means of coreless transformer (CT) technology. Due
to high driving current, excellent common-mode rejection and fast signal propagation, 2EDi is particularly well
suited for driving medium- to high-voltage MOSFETs (CoolMOS™, OptiMOS™, CoolSIC™, CoolGaN™) in fast-
switching power systems.
Features
• 4 A/8 A or 1 A/2 A source/sink output current
• Up to 10 MHz PWM switching frequency
• PWM signal propagation delay typ. 37 ns with
– 3 ns channel-to-channel mismatch
– +7/-6 ns propagation delay variance
• Common Mode Transient Immunity CMTI >150 V/ns
• Fast safety turn-off in case of input side Undervoltage Lockout (UVLO)
• Output supply voltage from 4.5 V to 20 V with 4V or 8V UVLO threshold
• Wide temperature operating range TJ = -40°C to +150°C
• RoHS compliant wide /narrow-body (WB/NB) DSO16 and 5 mm × 5 mm LGA packages
• Fully qualified according to JEDEC for Industrial Applications
Isolation and safety certificates
• 2EDSx with reinforced isolation:
– DIN V VDE V 0884-10 (2006-12) compliant with VIOTM= 8 kVpk and VIOSM = 6.25 kVpk (tested at 10 kVpk)
– Certified according to UL1577 (Ed. 5) opto-coupler component isolation standard with VISO = 5700 VRMS
– Certified according to DIN EN IEC 62368-1 and corresponding CQC certificates
• 2EDFx with functional isolation: Production test with 1.5 kVDC for 10 ms
DISABLE
GNDI
VDDI
(3.3V)
VDDB
OUTB
GNDB
VDDA
OUTA
GNDA
INA
Rg1
Rg2
M1
M2
Dboot
VBus
PGND
Controller
GND
PWM1
3
8
GPIOx 8
VDD 8
CVDDI
NC
SLDON
INB
UVLO
Control
Logic
UVLO
RX
UVLO
SLDO
Channel-to-Channel
Isolation
PWM2 8
RVDDI
VDD > 3.5V
Aux Power
(12V)
Logic
Logic
CVDDA
CVDDB
Vsw
RX
TX
TX


Similar Part No. - 2EDF7175F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2EDF7175F INFINEON-2EDF7175F Datasheet
1Mb / 38P
Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
Rev. 2.5 2020-03-17
2EDF7175F INFINEON-2EDF7175F Datasheet
1Mb / 41P
EiceDRIVER™ 2EDi product family Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
Rev. 2.7 2021-09-10
More results

Similar Description - 2EDF7175F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21520 TI1-UCC21520 Datasheet
1Mb / 45P
Isolated Dual-Channel Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
ISO5852S-EP TI1-ISO5852S-EP Datasheet
1Mb / 43P
High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5852S-EP TI1-ISO5852S-EP_17 Datasheet
1Mb / 43P
High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
logo
Infineon Technologies A...
2EDF7275F INFINEON-2EDF7275F Datasheet
1Mb / 38P
Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
Rev. 2.5 2020-03-17
logo
Texas Instruments
ISO6720-Q1 TI-ISO6720-Q1_V02 Datasheet
4Mb / 54P
ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
logo
Infineon Technologies A...
2EDFX INFINEON-2EDFX Datasheet
1Mb / 41P
EiceDRIVER™ 2EDi product family Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
Rev. 2.7 2021-09-10
logo
ON Semiconductor
NCD57252 ONSEMI-NCD57252 Datasheet
839Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
November, 2022 - Rev. 4
logo
BASIC SEMICONDUCTOR
BTD21520 BASICSEMI-BTD21520 Datasheet
642Kb / 19P
Dual-Channel Isolated Gate Driver
Rev.0.0
logo
ON Semiconductor
NCD57252 ONSEMI-NCD57252_V01 Datasheet
843Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
June, 2023 - Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com