Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LES Datasheet(PDF) 3 Page - LEM

Part # LES
Description  Current Transducer LES series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LES Datasheet(HTML) 3 Page - LEM

  LES Datasheet HTML 1Page - LEM LES Datasheet HTML 2Page - LEM LES Datasheet HTML 3Page - LEM LES Datasheet HTML 4Page - LEM LES Datasheet HTML 5Page - LEM LES Datasheet HTML 6Page - LEM LES Datasheet HTML 7Page - LEM LES Datasheet HTML 8Page - LEM LES Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Page 3/18
11July2018/Version 1
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
LES series
Insulation coordination
Parameter
Symbol
Unit
Value
Comment
RMS voltage for AC insulation test, 50 Hz, 1 min
U
d
kV
4.3
Impulse withstand voltage 1.2/50 μs
Û
W
kV
8
Insulation resistance
R
INS
GΩ
18
measured at 500 V DC
Partial discharge RMS test voltage (q
m < 10 pC)
U
t
kV
1.65
Clearance (pri. - sec.)
d
CI
mm
See dimensions drawing on
page 19
Creepage distance (pri. - sec.)
d
Cp
Case material
-
-
V0
According to UL 94
Comparative tracking index
CTI
600
Application example
V
300 V
CAT III, PD2
Reinforced insulation, non
uniform field according to
IEC 61800-5-1
Application example
V
600 V
CAT III, PD2
Basic insulation, non
uniform field according to
IEC 61800-5-1
Environmental and mechanical characteristics
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Ambient operating temperature
T
A
°C
−40
105
Ambient storage temperature
T
S
°C
−55
125
Mass
m
g
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com