Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LES Datasheet(PDF) 13 Page - LEM

Part # LES
Description  Current Transducer LES series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LES Datasheet(HTML) 13 Page - LEM

Back Button LES Datasheet HTML 9Page - LEM LES Datasheet HTML 10Page - LEM LES Datasheet HTML 11Page - LEM LES Datasheet HTML 12Page - LEM LES Datasheet HTML 13Page - LEM LES Datasheet HTML 14Page - LEM LES Datasheet HTML 15Page - LEM LES Datasheet HTML 16Page - LEM LES Datasheet HTML 17Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Page 13/18
11July2018/Version 1
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
LES series
Magnetic offset
The magnetic offset current I
O M is the consequence of a current
on the primary side (“memory effect” of the transducer’s
ferromagnetic parts). It is measured using the following primary
current cycle. I
O M depends on the current value IP1 (IP1 > IP M).
Figure 26: Current cycle used to measure magnetic and
electrical offset (transducer supplied)
(DC)
0 A
t1
t
t
Ip(3)
t2
Ip(
3)
I
P
I
P N
−I
P1
G
th
t
2
V
out
t
1
V
out
I
O M
1
·
2
)
(
)
(
−
=
Ampere-turns and amperes
The transducer is sensitive to the primary current linkage Θ
P
(also called ampere-turns).
Θ
P = NP⋅IP (At)
Where N
P is the number of primary turn (depending on
the connection of the primary jumpers)
Caution: As most applications will use the transducer with only
one single primary turn (N
P = 1), much of this datasheet is
written in terms of primary current instead of current linkages.
However, the ampere-turns (At) unit is used to emphasis that
current linkages are intended and applicable.
Transducer simplified model
The static model of the transducer at temperature T
A is:
I
S = G⋅ΘP + ε
In which ε =
I
O E + IO T (TA) + εG ⋅ΘP⋅G + εL (ΘP max)⋅ΘP max⋅G + TCG⋅(TA−25)⋅ΘP⋅G
With:
Θ
P = NP⋅IP
: primary current linkage (At)
Θ
P max
: max primary current linkage applied to
the transducer
I
S
: secondary current (A)
T
A
: ambient operating temperature (°C)
I
O E
: electrical offset current (A)
I
O T (TA)
: temperature variation of I
O at
temperature T
A (°C)
G
: sensitivity of the transducer (V/At)
TCG
: temperature coefficient of G
ε
G
: sensitivity error
ε
L(ΘP max)
: linearity error for Θ
P max
This model is valid for primary ampere-turns Θ
P between
−Θ
P max and +ΘP max only.
Sensitivity and linearity
To measure sensitivity and linearity, the primary current (DC) is
cycled from 0 to I
P, then to −IP and back to 0 (equally spaced
I
P/10 steps). The sensitivity G is defined as the slope of the
linear regression line for a cycle between ±I
P N.
The linearity error ε
L is the maximum positive or negative
difference between the measured points and the linear
regression line, expressed in % of I
P N.
Performance parameters definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com