Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LES Datasheet(PDF) 11 Page - LEM

Part # LES
Description  Current Transducer LES series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LES Datasheet(HTML) 11 Page - LEM

Back Button LES Datasheet HTML 7Page - LEM LES Datasheet HTML 8Page - LEM LES Datasheet HTML 9Page - LEM LES Datasheet HTML 10Page - LEM LES Datasheet HTML 11Page - LEM LES Datasheet HTML 12Page - LEM LES Datasheet HTML 13Page - LEM LES Datasheet HTML 14Page - LEM LES Datasheet HTML 15Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Page 11/18
11July2018/Version 1
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
LES series
Figure 16: Linearity error
Figure 17: Frequency response
Typical performance characteristics LES 50-NP
Figure 18: Step response
Figure 19: Output noise voltage spectral density
Figure 20: dv/dt
10
1
10
2
10
3
10
4
10
5
10
6
−10
−8
−6
−4
−2
0
2
4
Frequency [Hz]
−50
−40
−30
−20
−10
0
10
20
Rel. Sensitivity
Phase
−50
50
−0.1
−0.05
0
0.05
0.1
I
P [A]
100
200
300
400
500
0
10
20
30
40
50
60
t
(µs)
0
0.125
0.250
0.375
0.500
0.625
0.750
IP
Vout−2.5
10
1
10
2
10
3
10
4
10
5
10
6
1
10
100
1000
10000
fc (Hz)
0
1
2
3
4
5
6
7
8
0
200
400
600
t (µs)
20 kV/µs
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
VP
Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com