Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LES Datasheet(PDF) 15 Page - LEM

Part # LES
Description  Current Transducer LES series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LES Datasheet(HTML) 15 Page - LEM

Back Button LES Datasheet HTML 10Page - LEM LES Datasheet HTML 11Page - LEM LES Datasheet HTML 12Page - LEM LES Datasheet HTML 13Page - LEM LES Datasheet HTML 14Page - LEM LES Datasheet HTML 15Page - LEM LES Datasheet HTML 16Page - LEM LES Datasheet HTML 17Page - LEM LES Datasheet HTML 18Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Page 15/18
11July2018/Version 1
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
LES series
Application information
Filtering and decoupling
Supply voltage U
C
The transducer has internal decoupling capacitors, but in
the case of a power supply with high impedance, it is highly
recommended to provide local decoupling (100 nF or more,
located close to the transducer) as it may reduce disturbance
on transducer output V
out and reference Vref due to high varying
primary current. The transducer power supply rejection ratio is
low at high frequency.
Output V
out
The output V
out has a very low output impedance of typically
1 Ohm; it can drive capacitive loads of up to 100 nF directly.
Adding series resistance Rf of several tenths of Ohms allows
much larger capacitive loads Cf (higher than 1 µF). Empirical
evaluation may be necessary to obtain optimum results. The
minimum load resistance on V
out is 1 kOhm.
Figure 29: filtered V
out connection
Total Primary Resistance
The primary resistance is 0.72 mΩ per conductor.
In the following table, examples of primary resistance according
to the number of primary turns.
Number
of
primary
turns
Primary
Nominal
RMS
current
Output
voltage
V
out
Primary
resistance
R
P [mΩ]
Recommended
connections
1
±
I
P N
2.5 ±0.625
0.24
10
9
8 OUT
IN 1
2
3
2
±
I
P N/2
2.5 ±0.625
1.08
10
9
8 OUT
IN 1
2
3
3
±
I
P N/3
2.5 ±0.625
2.16
10
9
8 OUT
IN 1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com