Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LES Datasheet(PDF) 12 Page - LEM

Part # LES
Description  Current Transducer LES series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LES Datasheet(HTML) 12 Page - LEM

Back Button LES Datasheet HTML 8Page - LEM LES Datasheet HTML 9Page - LEM LES Datasheet HTML 10Page - LEM LES Datasheet HTML 11Page - LEM LES Datasheet HTML 12Page - LEM LES Datasheet HTML 13Page - LEM LES Datasheet HTML 14Page - LEM LES Datasheet HTML 15Page - LEM LES Datasheet HTML 16Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Page 12/18
11July2018/Version 1
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
LES series
Maximum continuous DC primary current
The maximum continuous DC primary current plot shows the boundary of the area for which all the following conditions are true:
- I
P < IP M
- Junction temperature T
J < 125 °C
- Primary conductor temperature < 110 °C
- Resistor power dissipation < 0.5 × rated power
Frequency derating
Figure 21: I
P vs TA for LES 6-NP
Figure 22: I
P vs TA for LES 15-NP
Figure 23: I
P vs TA for LES 25-NP
Figure 24: I
P vs TA for LES 50-NP
Figure 25: Maximum RMS AC primary current / maximum DC primary current vs frequency
10
100
1k
10k
100k
1M
0
0.33
0.66
1
1.33
fc (Hz)
Ip AC derating
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
40
TA (°C)
0
20
40
60
80
100
120
140
0
10
20
30
40
50
60
70
80
90
100
TA (°C)
0
20
40
60
80
100
120
140
0
10
20
30
40
50
60
70
80
90
100
TA (°C)
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
140
160
TA (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com