Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4954 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4954
Description  QUAD MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4954 Datasheet(HTML) 2 Page - STMicroelectronics

  L4954 Datasheet HTML 1Page - STMicroelectronics L4954 Datasheet HTML 2Page - STMicroelectronics L4954 Datasheet HTML 3Page - STMicroelectronics L4954 Datasheet HTML 4Page - STMicroelectronics L4954 Datasheet HTML 5Page - STMicroelectronics L4954 Datasheet HTML 6Page - STMicroelectronics L4954 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
DC Operating Supply Voltage
-0.6 to 26.5
V
VS
Transient Supply Overvoltages, rise time = 10ms
delay time = 115ms
34
V
VS,ovs
Overvoltage Shutdown
27
V
Vin
Input Voltages (EN1, EN2, EN3)
-0.6 to 6.0
V
Vout
Output Voltages (LVWarn, RESET)
-0.6 to 6.0
V
Top
Operating Temperature Range
-40 to 85
°C
Tstg
Storage Temperature Range
-40 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
2
°C/W
1
2
3
4
5
6
7
9
10
11
8
EN2
EN1
RESET
GND
LVWarn
5V REG4-STBY
ST CAP
HSD3-0.3A
HSD2-0.3A
VS
HSD1-2A
TAB CONNECTED TO PIN 8
13
14
15
12
10V REG1
8.5V REG2
5V REG3
EN3
D95AU347
PIN CONNECTION
+VS
1000
µF
0.1
µF
2
10
11
EN1
EN2
12
EN3
1
HSD1
3
HSD2
4
HSD3
5
STCAP
0.1
µF
15
8
0.1
µF
47K
Ω
47K
Ω
7
9
6
10
µF(*)
10
µF(*)
10
µF(*)
14
13
10
µF(*)
10V-REG1
8.5V-REG2
5V-REG3
5V-REG4
-STBY
LVWarn
RESET
D95AU348C
L4954
470
µF
(*)ESR of output capacitors should be between 0.2
Ω to 5.0Ω
APPLICATION CIRCUIT
L4954
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com