Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4954 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4954
Description  QUAD MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4954 Datasheet(HTML) 1 Page - STMicroelectronics

  L4954 Datasheet HTML 1Page - STMicroelectronics L4954 Datasheet HTML 2Page - STMicroelectronics L4954 Datasheet HTML 3Page - STMicroelectronics L4954 Datasheet HTML 4Page - STMicroelectronics L4954 Datasheet HTML 5Page - STMicroelectronics L4954 Datasheet HTML 6Page - STMicroelectronics L4954 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
L4954
QUAD MULTIFUNCTION
VOLTAGE REGULATOR FOR CAR RADIO
4 REGULATORS
10V (40mA); 8.5V (175mA); 5V (650mA);
5V (100mA) STANDBY
10V AND 5V STAND BY REGULATORS ARE
LOW DROPOUT OUTPUTS
3 HIGH SIDE DRIVERS:
2A (HSD1), 0.3A (HSD2 & HSD3)
NO EXTERNAL CHARGE PUMP CAPACI-
TORS ARE REQUIRED
STAND BY MODE CONTROLLED BY 3 IN-
PUT PINS:
EN1 FOR REG1, REG2, REG3 AND HSD1,
EN2 FOR HSD2, AND EN3 FOR HSD3
INDIVIDUAL THERMAL SHUTDOWN
LOGIC OUTPUTS FOR SUPPLY UNDER-
VOLTAGE: (LVWARN, RESET)
INDEPENDENT CURRENT LIMITING
OVERVOLTAGE SHUTDOWN
SHORT CIRCUIT PROTECTION
LOAD DUMP PROTECTION AND OVERVOL-
TAGE SHUTDOWN
DESCRIPTION
L4954 is a quad output voltage regulator and a
three output high side driver.
The IC includes monitoring circuitry to warn the
microprocessor of a low voltage condition:
the LVWarn, output, sensing the slow dropping of
STCAP pins voltage, gives the microprocessor
time to store data.
A RESET output is generated at REG4’s decay.
External protection must be provided for reverse
battery protection.
June 2000
®
REG1
10V, 40mA
VOLTAGE
REFERENCE
REG2
8.5V, 175mA
REG3
5V, 650mA
REG4
5V, 100mA
VS
RESET
LVWarn
EN1
EN2
10V-REG1
8.5V-REG2
5V-REG3
5V-REG4-STBY
EN3
D95AU346
GND
STCAP
CURRENT
LIMIT
RESET
LVW
OUTPUT
CONTROL
THERMAL
SHUTDOWN
OVERVOLTAGE
PROTECTION
HSD1
2.0A
HSD2
0.3A
HSD3
0.3A
HSD1
HSD2
HSD3
BLOCK DIAGRAM
ORDERING NUMBER: L4954
Multiwatt15
1/7


Similar Part No. - L4954

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4954 STMICROELECTRONICS-L4954_10 Datasheet
159Kb / 13P
Quad multifunction voltage regulator for car radio
12-Jul-2010
More results

Similar Description - L4954

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4943 STMICROELECTRONICS-L4943 Datasheet
113Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Dec-2000
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Apr-1999
L4953K STMICROELECTRONICS-L4953K Datasheet
56Kb / 8P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L5956 STMICROELECTRONICS-L5956 Datasheet
231Kb / 16P
Multifunction voltage regulator for car radio
29-Aug-2007
L5959 STMICROELECTRONICS-L5959 Datasheet
201Kb / 19P
Multifunction voltage regulator for car radio
28-Aug-2007
L4954 STMICROELECTRONICS-L4954_10 Datasheet
159Kb / 13P
Quad multifunction voltage regulator for car radio
12-Jul-2010
L5956 STMICROELECTRONICS-L5956_11 Datasheet
291Kb / 17P
Multifunction voltage regulator for car radio
27-Jun-2011
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
Multifunction voltage regulator for car radio
12-Jul-2010
L5957 STMICROELECTRONICS-L5957 Datasheet
208Kb / 16P
Multifunction voltage regulator for car radio
08-Jan-2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com