Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4954 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4954
Description  QUAD MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4954 Datasheet(HTML) 3 Page - STMicroelectronics

  L4954 Datasheet HTML 1Page - STMicroelectronics L4954 Datasheet HTML 2Page - STMicroelectronics L4954 Datasheet HTML 3Page - STMicroelectronics L4954 Datasheet HTML 4Page - STMicroelectronics L4954 Datasheet HTML 5Page - STMicroelectronics L4954 Datasheet HTML 6Page - STMicroelectronics L4954 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the application circuit, VS = 14.4V; Tamb =25
°C;
IOUT10 = 5mA; IOUT8.5 = 5mA; IOUT5 = 5mA; IOUT5 ST-BY = 0.5mA; RHSD1 =16
Ω,RHSD2,3 = 107Ω,
unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Operating Supply Voltage
11
16
V
Iq
Maximum Quiescent Current
IOUT10 = 40mA; IOUT8.5 = 175mA;
IOUT5 = 650mA;
IOUT5ST-BY = 100mA; RHSD1 =8
Ω;
RHSD2,3 =53
Ω
10
mA
Iq,ST-BY
Standby Quiescent Current
EN1, EN2, EN3 = 0
IOUT5, ST-BY = 50mA;
420
µA
EN1, EN2, EN3 = 0
IOUT5, ST-BY = 2mA;
300
µA
VENL
EN1, EN2, EN3 Input Low
Voltage
0
0.8
V
VENH
EN1, EN2, EN3 Input High
Voltage (Outputs Active)
25
V
10V / 40mA REG 1 OUTPUT
VOUT10
Output Voltage
IOUT10 = 40mA
10
V
∆Vline
Line Regulation
VS = 11 to 26V
2
mV
∆Vload
Load Regulation
Iout10 = 5 to 40mA
2
mV
VDROPOUT
Dropout Voltage
VS =VOUT10 + 0.1V
Iout10 = 5mA
100
200
mV
VS =VOUT10 + 0.5V
Iout10 = 40mA
500
600
mV
Iq1
Reg 1Quiescent Current
IOUT10 = 5mA
7
mA
IOUT10 =40mA
7
mA
Ilim1
Current Limit
100
mA
SVR1
Reg 1Supply Voltage Rejection
f = 0.12 to 10KHz;
IOUT10 = 25mA; VRIP =1Vpp
55
dB
8.5V / 175mA REG 2 OUTPUT
VOUT8.5
Output Voltage
IOUT8.5 = 175mA
8.5
V
∆Vline
Line Regulation
VS = 11 to 26V
2
mV
∆Vload
Load Regulation
Iout8.5 = 5 to 175mA
10
mV
VDROPOUT
Dropout Voltage
VS =VOUT8.5 + 0.3V
Iout8.5 = 5mA
300
400
mV
VS =VOUT8.5 +1V
Iout8.5 = 175mA
1
1.1
V
Iq2
Reg 2 Quiescent Current
IOUT8.5 = 5mA
7
mA
IOUT8.5 = 175mA
7
mA
Ilim2
Current Limit
300
mA
SVR2
Reg 1Supply Voltage Rejection
f = 0.12 to 10KHz;
IOUT8.5 = 100mA; VRIP =1Vpp
55
dB
L4954
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com