Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4954 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4954
Description  QUAD MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4954 Datasheet(HTML) 5 Page - STMicroelectronics

  L4954 Datasheet HTML 1Page - STMicroelectronics L4954 Datasheet HTML 2Page - STMicroelectronics L4954 Datasheet HTML 3Page - STMicroelectronics L4954 Datasheet HTML 4Page - STMicroelectronics L4954 Datasheet HTML 5Page - STMicroelectronics L4954 Datasheet HTML 6Page - STMicroelectronics L4954 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FUNCTIONAL DESCRIPTION
The L4954 includes a monitoring circuit to warn
the microprocessor if a low voltage or no voltage
condition is occurring.
When the voltage on the STCAP pin drops below
7.5V (typ), the LVW output will go low. This tells
the microprocessor to stop executing code and
save vital information. The reset output will go low
when REG4 (5V-STBY) drops below (VREG4 -
250mV) or 4.75V is minimum value. The RESET
output doesn’t go above 0.4V until REG4 has
gone back above 4.75V (min).
Any spike will tell the microprocessor to start op-
erating. Once the STCAP line passes 7.5V (typ),
the LVWarn output will also return to high state.
The STCAP pin acts like a delay circuit. Due to
the large capacitor (470
µF), the STCAP pin al-
lows the battery voltage to decay slowly giving the
microprocessor time to store data.
Also, during short low voltage or negative voltage
conditions, the STCAP pin protects the 5V STBY
output from dropping below the RESET and LVW
trip points. The four outputs are expected to fol-
low the battery voltage down
to 11V for REG1,
9V for REG2, 6V for REG3 and REG4.
The L4954 has a STBY mode to keep the micro-
processor and memories alive during an ignition
off conditions. The EN1 input pin is controlled by
the microprocessor. A high on the EN1 input turns
on REG1, REG2, REG3, and HSD1. A Low on
EN1 places the part in stand-by mode with REG4
on. The High side driver outputs HSD2 and HSD3
are controlled by EN2 and EN3 respectively: a
Low on the control input turns the corresponding
high side driver off.
ELECTRICAL CHARACTERISTICS (Continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
LVWARN OUTPUT
THLVW
LVW Threshold on STCAP
7.5
V
VLVW
LVW Output Voltage
STCAP <7.5V; VIL = ”0”
0
0.4
V
STCAP >7.5V VIH = ”1”
2.75
5
V
trise
LVW Output Rise Time
CLVW = 0.1
µF
3.9
ms
tfall
LVW Output Fall Time
CLVW = 0.1
µF
12.6
µs
RESET OUTPUT
THRES
Reset Threshold on Reg 4
4.5
V
VRES
Reset Output Voltage
Set VS so that VOUT5STBY <4.5V;
VIL = ”0”
0
0.4
V
Set VS so that VOUT5STBY is not
less than normal REG4 output
voltage; VIH = ”1”
2.75
5
V
trise
Reset Output Rise Time
CRESET =0.1
µF
4.5
ms
tfall
Reset Output Fall Time
CRESET =0.1
µF37
µs
STCAP
(V)
0
7.5
7.5
TIME
4.75
4.75
REG4
(V)
5
0
5
0.4
5
LVWarn
(V)
RESET
(V)
TIME
TIME
TIME
D95AU349A
TIMING DIAGRAM
L4954
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com