Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4954 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4954
Description  QUAD MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4954 Datasheet(HTML) 4 Page - STMicroelectronics

  L4954 Datasheet HTML 1Page - STMicroelectronics L4954 Datasheet HTML 2Page - STMicroelectronics L4954 Datasheet HTML 3Page - STMicroelectronics L4954 Datasheet HTML 4Page - STMicroelectronics L4954 Datasheet HTML 5Page - STMicroelectronics L4954 Datasheet HTML 6Page - STMicroelectronics L4954 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
5V / 650mA REG 3 OUTPUT
VOUT5
Output Voltage
IOUT5 = 650mA
5
V
∆Vline
Line Regulation
VS = 7 to 26V
2
mV
∆Vload
Load Regulation
Iout5 = 5 to 650mA
9
mV
VDROPOUT
Dropout Voltage
VS =VOUT5 + 0.3V
Iout5 = 5mA
300
400
mV
VS =VOUT5 +1V
Iout5 = 650mA
1
1.1
V
Iq3
Reg 3 Quiescent Current
IOUT5 = 5mA
7
mA
IOUT5 = 650mA
7
mA
Ilim3
Current Limit
1.25
A
SVR3
Reg 3 Supply Voltage Rejection
f = 0.12 to 10KHz;
IOUT5 = 325mA; VRIP =1Vpp
55
dB
5V / 100mA STAND-BY REG 4 OUTPUT
VOUT5STBY
Output Voltage
IOUT5STBY = 100mA
5
V
∆Vline
Line Regulation
VS = 7 to 26V
0.8
mV
∆Vload
Load Regulation
Iout = 0.5 to 100mA
3.5
mV
VDROPOUT
Dropout Voltage
VS =VREG5STBY + 0.1V
Iout5STBY = 5mA
100
200
mV
VS =VREG5STBY + 0.5V
Iout5STBY = 100mA
500
600
mV
Iq4
Reg 4 Quiescent Current
IOUT5STBY = 2mA
0.25
mA
IOUT5STBY = 100mA
0.35
mA
Ilim4
Current Limit
190
mA
SVR4
Reg 4 Supply Voltage Rejection
f = 0.12 to 10KHz
Iout5STBY = 50mA; VRIP =1Vpp
55
dB
2A HSD1
Vsat,peak
Maximum Output Current
Saturation Voltage
RHSD1 =8
Ω
600
mV
Iq
Quiescent Current
9
mA
Ilim
Current Limit
RHSD1 = 0.5
Ω
3.5
A
Ileak1
Output Leakage Current
All driver outputs are off
20
µA
0.3A HSD2 & HSD3
Vsat
Maximum Output Current
Saturation Voltage
RHSD2,3 =53
Ω
150
mV
Iq
Quiescent Current
1.5
mA
Ilim
Current Limit
RHSD2.3 = 0.5
Ω
500
mA
Ileak2,3
Output Leakage Current
All driver outputs are off
10
µA
L4954
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com