Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8007 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP8007
Description  Fully-Integrated 802.3af-Compatible PoE PD Interface with 13W Primary-side Regulated Flyback or Buck Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8007 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP8007 Datasheet HTML 13Page - Monolithic Power Systems MP8007 Datasheet HTML 14Page - Monolithic Power Systems MP8007 Datasheet HTML 15Page - Monolithic Power Systems MP8007 Datasheet HTML 16Page - Monolithic Power Systems MP8007 Datasheet HTML 17Page - Monolithic Power Systems MP8007 Datasheet HTML 18Page - Monolithic Power Systems MP8007 Datasheet HTML 19Page - Monolithic Power Systems MP8007 Datasheet HTML 20Page - Monolithic Power Systems MP8007 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
MP8007 ― IEEE 802.3AF PD WITH 13W FLYBACK / BUCK CONVERTER
MP8007 Rev.1.0
www.MonolithicPower.com
17
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
buck mode, and do not place a resistor
between MODE and GND in flyback mode.
Converter Switching Work Principle
After startup, DCDC converter works in
discontinuous conduction mode (DCM). The
second switching cycle will not start until the
inductor current drops to 0A. In each cycle, the
internal MOSFET is turned on, and the current-
sense circuit senses the current IP(t) internally.
Use Equation (2) to calculate the rate at which
the current rises linearly in flyback mode:
p(t)
IN
M
dI
V
dt
L
(2)
When IP(t) rises up to IPK, the internal MOSFET
turns off (see Figure 5). The energy stored in
the primary-side inductance transfers to the
secondary-side through the transformer.
Figure 5—Primary-side current waveform
The primary-side inductance (LM) stores energy
in each cycle as a function of Equation (3):
2
MPK
1
EL I
2
(3)
Calculate the power transferred from the input
to the output with Equation (4):
2
MPK S
1
PL I F
2
(4)
Where FS is the switching frequency. When IPK
is constant, the output power depends on FS
and LM.
Use Equation (5) to calculate the rate at which
the current rises linearly in buck mode:
p(t)
IN
OUT
M
dI
VV
dt
L
(5)
The internal MOSFET turns off when IP(t) rises
to IPK (see Figure 6). The output current is
calculated with Equation (6):
OUT
PK
1
IDI
2
(6)
Where, D is the inductor current conducting
duty cycle.
Figure 6—Inductor current waveform
Converter Light-Load Control
In flyback mode (if the load decreases), DCDC
converter
stretches
down
the
frequency
automatically to reduce the power transferring
while keeping the same IPK in each cycle. An
approximate 10 kHz minimum frequency is
applied to detect the output voltage even at a
very light load. During this condition, the
switching IPK jumps between 20 percent of the
normal IPK and 100 percent of the normal IPK to
reduce the power transferring. The DCDC
converter still transfers some energy to the
output even if there is no load on the output due
to the 10 kHz minimum frequency. This means
that some load is required to keep the output
voltage in regulation, or else VOUT will rise and
trigger OVP.
In buck mode, the DCDC converter has no
minimum frequency limit, so it stretches down
to a very low frequency and regulates the
output automatically even there is no load on
the output.
Frequency Control
By monitoring the auxiliary winding voltage in
flyback mode or monitoring the SW voltage in
buck mode, the DCDC converter detects and
regulates the inductor current in DCM. The
frequency is controlled by the peak current, the
current ramp slew rate, and the load current.
The maximum frequency occurs when the
DCDC converter runs in critical conduction
mode, providing the maximum load power. The
DCDC converter switching frequency should be
lower than 200 kHz in the design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com