Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8007 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8007
Description  Fully-Integrated 802.3af-Compatible PoE PD Interface with 13W Primary-side Regulated Flyback or Buck Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8007 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8007 Datasheet HTML 1Page - Monolithic Power Systems MP8007 Datasheet HTML 2Page - Monolithic Power Systems MP8007 Datasheet HTML 3Page - Monolithic Power Systems MP8007 Datasheet HTML 4Page - Monolithic Power Systems MP8007 Datasheet HTML 5Page - Monolithic Power Systems MP8007 Datasheet HTML 6Page - Monolithic Power Systems MP8007 Datasheet HTML 7Page - Monolithic Power Systems MP8007 Datasheet HTML 8Page - Monolithic Power Systems MP8007 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
MP8007 ― IEEE 802.3AF PD WITH 13W FLYBACK / BUCK CONVERTER
MP8007 Rev.1.0
www.MonolithicPower.com
3
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Pins Voltage Respects to VSS: (2)
VDD, RTN, DET, T2P, AUX, GND, AGND
..............................................-0.3V to +100V
CLASS, FTY ................................-0.3V to +6.5V
Pins Voltage Respects to GND(2):
VDD ............................................-0.3V to +100V
SW ..............................................-0.7V to +180V
FB1 ...........................................-0.7V to +6.5V(3)
VCC(4), MODE, ILIM, PG..............-0.3V to +6.5V
Pins Voltage Respects to VDD:
AUX, FB2.....................................-6.5V to +0.3V
Pins Current:
T2P ........................................................... 10mA
VCC Sinking Current............................ 1.5 mA(4)
AUX Sinking Current.............................. -5 mA(5)
FB1 Sinking Current.............................. ±1 mA(3)
Continuous Power Dissipation (TA=+25)
(6)
QFN28 4X5……………………….…..……3.12W
Junction Temperature...............................150
C
Lead Temperature ....................................260
C
Storage Temperature............... -65
C to +150C
Recommended Operating Conditions (7)
Supply Voltage VDD .............................0V to 57V
Switching Voltage VSW ................-0.5V to +150V
Maximum T2P Current................................ 5mA
Maximum VCC Sinking Current ............ 1.2mA(4)
Maximum AUX Sinking Current ............. -3 mA(5)
Maximum FB1 Sinking Current .......... ±0.5 mA(3)
Maximum Switching Frequency ............ 200 kHz
Maximum Switching Current Limit ................. 3A
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance (8)
θJA
θJC
QFN-28 (4mmx5mm) ……
. ….…40
9 °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) GND and AGND must be connected to RTN
3) Refer to the “Converter Output Voltage Setting” section.
4) VCC voltage can be pulled higher than this rating, but the
external pull-up current should be limited. Refer to “VCC
sinking current” rating and “VCC Power Supply Setting”
section.
5) When VDD to Adapter-ground voltage is high, AUX-VDD
voltage may exceed -6.5V if the divider resistor is not
appropriate, in this condition VDD will clamp the -6.5V voltage
on AUX pin, but the current should be limited by external
resistor.
6) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
7) The device is not guaranteed to function outside of its
operating conditions.
8) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com