Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8007 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8007
Description  Fully-Integrated 802.3af-Compatible PoE PD Interface with 13W Primary-side Regulated Flyback or Buck Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8007 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8007 Datasheet HTML 2Page - Monolithic Power Systems MP8007 Datasheet HTML 3Page - Monolithic Power Systems MP8007 Datasheet HTML 4Page - Monolithic Power Systems MP8007 Datasheet HTML 5Page - Monolithic Power Systems MP8007 Datasheet HTML 6Page - Monolithic Power Systems MP8007 Datasheet HTML 7Page - Monolithic Power Systems MP8007 Datasheet HTML 8Page - Monolithic Power Systems MP8007 Datasheet HTML 9Page - Monolithic Power Systems MP8007 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
MP8007 ― IEEE 802.3AF PD WITH 13W FLYBACK / BUCK CONVERTER
MP8007 Rev.1.0
www.MonolithicPower.com
6
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VDD, CLASS, DET, T2P and RTN voltages are referred to VSS, and all other pin voltages are
referred to GND, GND and RTN are shorted together. VDD – VSS = 48V, VSS = 0V; RDET = 24.9kΩ,
RCLASS =41.2Ω. TJ = -40°C to +125°C, typical values are tested at TJ = 25C, unless otherwise
noted.
DCDC Converter Section
Parameter
Symbol Condition
Min
Typ
Max
Units
Converter Power Supply and UVLO
Converter VDD UVLO
Rising Threshold
VDD-RTN-R PG-RTN=5V, Test VDD-RTN
10.5
11.6
12.8
V
Converter VDD UVLO
Falling Threshold
VDD-RTN-F PG-RTN=5V, Test VDD-RTN
7.4
8.2
9
V
VCC Regulation
(11)
VCC
Load = 0mA to 10mA
4.8
5.4
5.9
V
VCC UVLO Rising
Threshold
(11)
VCC-R
VDD is higher than UVLO, VCC
rising
4.3
4.7
5.1
V
VCC UVLO Falling
Threshold
(11)
VCC-F
VDD is higher than UVLO, VCC
falling
4
4.5
4.8
V
Quiescent Current
IQ
VFB1 = 2.2 V, VFB2 = VDD, Test
supply from VDD to VSS
0.87
mA
Voltage Feedback
Respect to GND, TJ = 25°C
1.94
1.99
2.04
V
FB1 Reference Voltage
VREF1
Respect to GND, TJ = -40°C to
+125°C
1.93
1.99
2.05
V
FB1 Leakage Current
IFB1
Respect to GND, VFB1 = 2V
10
50
nA
Flyback Mode DCM Detect
Threshold on FB1
VDCM1
Respect to GND
25
50
75
mV
FB1 Open-circuit Threshold
VFB1OPEN
-90
-60
-20
mV
FB1 OVP Threshold
VFB1OVP
120%
125%
130%
VREF1
Minimum Diode Conduction
Time for FB1 Sample
TSAMPLE
1.4
2.2
3
μs
Respect to VDD, TJ = 25°C
-1.955
-1.88
-1.805
V
FB2 Reference Voltage
VREF2
Respect to VDD, TJ = -40°C to
+125°C
-1.96
-1.88
-1.8
V
FB2 Leakage Current
IFB2
Respect to VDD, VFB2 = -2V
10
50
nA
Buck Mode DCM Detect
Threshold on SW
VDCM2
Respect to VDD
0
0.14
V
Switching Power Device
On Resistance
RON-SW
VCC = 5.4V
0.8
Ω
Current Sense
Switching Current Limit
ILIMIT
RILIM = 53.6kΩ, L = 47μH
1.85
2.05
2.25
A
Switching Current Leading-
edge Blanking Time
TLEB
450
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com