Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8007 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8007
Description  Fully-Integrated 802.3af-Compatible PoE PD Interface with 13W Primary-side Regulated Flyback or Buck Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8007 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8007 Datasheet HTML 8Page - Monolithic Power Systems MP8007 Datasheet HTML 9Page - Monolithic Power Systems MP8007 Datasheet HTML 10Page - Monolithic Power Systems MP8007 Datasheet HTML 11Page - Monolithic Power Systems MP8007 Datasheet HTML 12Page - Monolithic Power Systems MP8007 Datasheet HTML 13Page - Monolithic Power Systems MP8007 Datasheet HTML 14Page - Monolithic Power Systems MP8007 Datasheet HTML 15Page - Monolithic Power Systems MP8007 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
MP8007 ― IEEE 802.3AF PD WITH 13W FLYBACK / BUCK CONVERTER
MP8007 Rev.1.0
www.MonolithicPower.com
12
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
PIN#
Name
Description
1
AUX
Auxiliary power input detector. Use this pin for adaptor power supply application.
Drive VDD-AUX higher than 2.3V to disable hot-swap MOSFET and CLASS pin
function, and force T2P and PG active.
2
DET
Connect 24.9kΩ resistor between VDD and DET for PoE detection.
3, 11, 14,
15, 19, 22,
28
N/C
Not connected internally, can be connected to GND pin and exposed thermal pad in
layout.
4
VDD
Positive power supply terminal from PoE input power rail.
5
FB2
Feedback pin for non-isolated buck solution. Connect FB2 to VDD in flyback
application
6
MODE
Buck mode or flyback mode select pin. MODE is pulled up internally to VCC through
a 1.5µA current source. Float MODE for buck application mode; connect MODE to
GND for flyback application mode.
7
FB1
Feedback for fly-back solution. Connect FB1 to GND in buck application
8
ILIM
DCDC converter switching current limit program pin. Connect ILIM to GND through a
resistor to program the peak current limit.
9
AGND
Analog power return for DCDC converter control circuit. Connect to GND through
single point.
10
VCC
Supply bias voltage pin, powered through internal LDO from VIN. It is recommended
to connect a capacitor (no less than 1µF) between VCC and GND.
12,13
SW
Drain of converter switching MOSFET.
16,17
GND
Switching converter power return. Connect to RTN for PoE power supply. Exposed
thermal pad can be connected to GND plane for heat sink.
18
PG
PD supply power good indicator. This signal will enable the DCDC converter
internally. It is pulled up by internal current source in output high condition, suggest
float it in application.
20,21
RTN
Drain of PD Hot-swap MOSFET, connect GND and AGND to this pin.
23,24
VSS
Negative power supply terminal from PoE input power rail.
25
FTY
Factory use only, must be connected to VSS in application.
26
CLASS
Connect resistor from CLASS to VSS to program classification current.
27
T2P
Type 2 PSE indicator, open-drain output. Pulled low to VSS indicates the presence of
a Type-2 PSE or AUX is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com