Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8007 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8007
Description  Fully-Integrated 802.3af-Compatible PoE PD Interface with 13W Primary-side Regulated Flyback or Buck Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8007 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8007 Datasheet HTML 1Page - Monolithic Power Systems MP8007 Datasheet HTML 2Page - Monolithic Power Systems MP8007 Datasheet HTML 3Page - Monolithic Power Systems MP8007 Datasheet HTML 4Page - Monolithic Power Systems MP8007 Datasheet HTML 5Page - Monolithic Power Systems MP8007 Datasheet HTML 6Page - Monolithic Power Systems MP8007 Datasheet HTML 7Page - Monolithic Power Systems MP8007 Datasheet HTML 8Page - Monolithic Power Systems MP8007 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
MP8007 ― IEEE 802.3AF PD WITH 13W FLYBACK / BUCK CONVERTER
MP8007 Rev.1.0
www.MonolithicPower.com
4
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VDD, CLASS, DET, T2P and RTN voltages are referred to VSS, and all other pin voltages are
referred to GND, GND and RTN are shorted together. VDD – VSS = 48V, VSS = 0V; RDET = 24.9kΩ,
RCLASS =41.2Ω. TJ = -40°C to +125°C, typical values are tested at TJ = 25C, unless otherwise
noted.
PD Interface Section
Parameter
Symbol Condition
Min
Typ
Max
Units
Detection
Detection on
VDET-ON VDD Rising
1.9
V
Detection off
VDET-OFF VDD Rising
11
V
DET Leakage Current
VDET-LK
VDET=VDD=57V, Measure IDET
0.1
5
μA
Bias Current
VDD=10.1V, float DET pin, not in
Mark event, Measure ISUPPLY
12
μA
VDD=2.5V, Measure ISUPPLY
96
99
102
μA
Detection Current
IDET
VDD=10.1V, Measure ISUPPLY
395
410
425
μA
Classification
Classification Stability Time
90
μs
VCLASS Output Voltage
VCLASS
13V<VDD< 21V
1mA<ICLASS< 42mA
1.1
1.16
1.21
V
13≤VVDD≤21V, Guaranteed by VCLASS
RCLASS=578Ω, 13V≤VDD≤21V
1.8
2
2.4
RCLASS=110Ω, 13V≤VDD≤21V
9.9
10.55
11.3
RCLASS=62Ω, 13V≤VDD≤21V
17.7
18.7
19.8
RCLASS=41.2Ω, 13V≤VDD≤21V
26.6
28.15
29.7
Classification Current
ICLASS
RCLASS=28.7Ω, 13V≤VDD≤21V
38.2
40.4
42.6
mA
Classification Lower
Threshold
VCL-ON
Class Regulator Turns on, VDD
Rising
11.8
12.5
13
V
Classification Upper
Threshold
VCL-OFF
Class Regulator Turns off, VDD
Rising
21
22
23
V
Low side Hysteresis
0.8
Classification Hysteresis
VCL-HYS
High side Hysteresis
0.5
V
Mark Event Reset Threshold
VMARK-L
4.5
5
5.5
V
Max Mark Event Voltage
VMARK-H
11
11.5
12
V
Mark Event Current
IMARK
0.5
1.5
2
mA
Mark Event Resistance
RMARK
2-point Measure at 7V and 10V
12
kΩ
IC Supply Current during
Classification
IIN-CLASS VDD = 17.5V, CLASS Floating
220
300
μA
Class Leakage Current
ILEAKAGE VCLASS = 0 V, VDD = 57V
1
μA
PD UVLO
VDD Turn on Threshold
VDD-VSS-R VDD Rising
35
37.5
40
V
VDD Turn off Threshold
VDD-VSS-F VDD Falling
29
31
33
V
VDD UVLO Hysteresis
VDD-VSS-
HYS
4.9
V
IC Supply Current during
Operation
IIN
450
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com