Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM33C321ASPZR Datasheet(PDF) 27 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 27 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 23Page - Texas Instruments XM33C321ASPZR Datasheet HTML 24Page - Texas Instruments XM33C321ASPZR Datasheet HTML 25Page - Texas Instruments XM33C321ASPZR Datasheet HTML 26Page - Texas Instruments XM33C321ASPZR Datasheet HTML 27Page - Texas Instruments XM33C321ASPZR Datasheet HTML 28Page - Texas Instruments XM33C321ASPZR Datasheet HTML 29Page - Texas Instruments XM33C321ASPZR Datasheet HTML 30Page - Texas Instruments XM33C321ASPZR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 113 page
background image
Table 6-3. Analog to Digital Converter (ADC) Signal Descriptions (continued)
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN
ZAW PIN
A1_13
A
ADC1 analog input channel 13 96
96
76
28
B1
A1_14
A
ADC1 analog input channel 14 97
97
77
29
D2
Table 6-4. Clock Module (CKM) Signal Descriptions
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN
ZAW PIN
CLK_OUT
O
CLK_OUT digital clock output
from the PMCU
22, 28, 45,
53, 77
22, 28, 45,
53, 77
17, 23, 35,
43, 62
18, 49, 55,
63, 7
13, 17, 29,
40
B7, C9,
G9, H2, K8
FCC_IN
I
Frequency clock counter
(FCC) input signal
51, 55
51, 55
41, 45
5
27
H7, J10
HFCLKIN
I
High frequency clock digital
clock input signal
19
19
14
46
12
A9
HFXIN
A
High frequency crystal
oscillator (HFXT) signal
18
18
13
45
11
A8
HFXOUT
A
High frequency crystal
oscillator (HFXT) signal
19
19
14
46
12
A9
LFCLKIN
I
Low frequency clock digital
clock input signal
17
17
12
44
10
A7
LFXIN
A
Low frequency crystal
oscillator (LFXT) signal
16
16
11
43
9
A6
LFXOUT
A
Low frequency crystal
oscillator (LFXT) signal
17
17
12
44
10
A7
Table 6-5. Bootstrap Loader (BSL) Signal Descriptions
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN
ZAW PIN
BSL_CAN_RX
I
BSL CAN receive signal (RX)
99
99
79
31
47
B2
BSL_CAN_TX
O
BSL CAN transmit signal (TX) 98
98
78
30
46
C2
BSL_I2C_SCL
IOD BSL I2C clock signal (SCL)
2
2
2
34
2
C4
BSL_I2C_SDA
IOD BSL I2C data signal (SDA)
1
1
1
33
1
D3
BSL_INVOKE
I
BSL invoke signal (if BSL is
enabled, must be HIGH during
BOOTRST for a BSL entry,
and LOW during BOOTRST to
prevent BSL entry)
70
70
55
11
33
K3
BSL_UART_RX
I
BSL UART receive signal
(RXD)
34
34
29
57
19
E9
BSL_UART_TX
O
BSL UART transmit signal
(TXD)
33
33
28
56
18
E7
Table 6-6. Comparator (COMP) Signal Descriptions
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN
ZAW PIN
COMP0_DAC_OUT
A
COMP0 DAC output
93
93
73
25
44
E2
COMP0_OUT
O
COMP0 output
22, 34
22, 34
17, 29
49, 57
13, 19
B7, E9
COMP1_DAC_OUT
A
COMP1 DAC output
94
94
74
26
45
D1
COMP1_OUT
O
COMP1 output
16, 42
16, 42
11, 32
43, 60
22, 9
A6, F9
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com