Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM33C321ASPZR Datasheet(PDF) 44 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 44 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 40Page - Texas Instruments XM33C321ASPZR Datasheet HTML 41Page - Texas Instruments XM33C321ASPZR Datasheet HTML 42Page - Texas Instruments XM33C321ASPZR Datasheet HTML 43Page - Texas Instruments XM33C321ASPZR Datasheet HTML 44Page - Texas Instruments XM33C321ASPZR Datasheet HTML 45Page - Texas Instruments XM33C321ASPZR Datasheet HTML 46Page - Texas Instruments XM33C321ASPZR Datasheet HTML 47Page - Texas Instruments XM33C321ASPZR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 113 page
background image
VDD=3.3V, Ta=25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSTART:RE
SET
Device cold startup time from reset/
power-up (3)
Fast boot enabled
TBD
µs
Fast boot disabled
746
NRST Timing
tRST:BOO
TRST
Pulse length on NRST pin to generate
BOOTRST
ULPCLK≥4MHz
1.5
µs
ULPCLK=32kHz
80
tRST:POR
Pulse length on NRST pin to generate
POR
1
s
(1)
The wake-up time is measured from the edge of an external wake-up signal (GPIO wake-up event) to the time that the first instruction
of the user program is executed, with glitch filter disabled (FILTEREN=0x0) and fast wake enabled (FASTWAKEONLY=1) .
(2)
The wake-up time is measured from the edge of an external wake-up signal (IOMUX wake-up event) to the time that first instruction of
the user program is executed.
(3)
The start-up time is measured from the time that VDD crosses VBOR0- (cold start-up) to the time that the first instruction of the user
program is executed.
7.8 Clock Specifications
7.8.1 System Oscillator (SYSOSC)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSYSOSC
Factory trimmed SYSOSC frequency
SYSOSCCFG.FREQ=0 (BASE)
32
MHz
SYSOSCCFG.FREQ=1
4
SYSOSC
ACC
SYSOSC frequency accuracy when
frequency correction loop (FCL) is
enabled(1)
SETUSEFCL=1 -40
℃ ≤ Ta ≤ 125 ℃
-1.4
1.8
%
SYSOSC raw accuracy with FCL
disabled, 32MHz
SETUSEFCL=0,SYSOSCCFG.FREQ=0
-40
℃ ≤ Ta ≤ 125 ℃
-2.6
1.8
%
SYSOSC raw accuracy with FCL
disabled, 4MHz
SETUSEFCL=0,SYSOSCCFG.FREQ=1
-40
℃ ≤ Ta ≤ 125 ℃
-2.7
2.3
%
(1)
The SYSOSC frequency correction loop (FCL) enables high SYSOSC accuracy via an internal reference resistor when using the FCL.
See the SYSOSC section of the technical reference manual for details on computing SYSOSC accuracy.
7.8.2 High Frequency Crystal/Clock
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High frequency crystal oscillator (HFXT)
fHFXT
HFXT frequency
HFXTRSEL=00
4
8
MHz
HFXTRSEL=01
8.01
16
HFXTRSEL=10
16.01
32
HFXTRSEL=11
32.01
48
MHz
DCHFXT
HFXT duty cycle
HFXTRSEL=00
40
65
%
HFXTRSEL=01
40
60
HFXTRSEL=10
40
60
HFXTRSEL=11
40
60
OAHFXT
HFXT crystal oscillation allowance
HFXTRSEL=00 (4 to 8MHz range)
2
kΩ
CL, eff
Integrated effective load capacitance(1)
1
pF
tstart, HFXT HFXT start-up time (2)
HFXTRSEL=11, 32MHz crystal
0.5
ms
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
www.ti.com
44
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com