Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM33C321ASPZR Datasheet(PDF) 46 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 46 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 42Page - Texas Instruments XM33C321ASPZR Datasheet HTML 43Page - Texas Instruments XM33C321ASPZR Datasheet HTML 44Page - Texas Instruments XM33C321ASPZR Datasheet HTML 45Page - Texas Instruments XM33C321ASPZR Datasheet HTML 46Page - Texas Instruments XM33C321ASPZR Datasheet HTML 47Page - Texas Instruments XM33C321ASPZR Datasheet HTML 48Page - Texas Instruments XM33C321ASPZR Datasheet HTML 49Page - Texas Instruments XM33C321ASPZR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 113 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CL, eff
Integrated effective load capacitance(1)
1
pF
tstart, LFXT LFXT start-up time
483
640
ms
ILFXT
LFXT current consumption
XT1DRIVE=TBD, LOWCAP=TBD
200
nA
Low frequency digital clock input (LFCLK_IN)
fLFIN
LFCLK_IN frequency (2)
SETUSEEXLF=1
29491
32768
36045
Hz
DCLFIN
LFCLK_IN duty cycle (2)
SETUSEEXLF=1
40
60
%
LFCLK Monitor
fFAULTLF
LFCLK monitor fault frequency (3)
MONITOR=1
2800
4200
8400
Hz
(1)
This includes parasitic bond and package capacitance (≈2pF per pin), calculated as CLFXIN×CLFXOUT/(CLFXIN+CLFXOUT), where CLFXIN
and CLFXOUT are the total capacitance at LFXIN and LFXOUT, respectively.
(2)
The digital clock input (LFCLK_IN) accepts a logic level square wave clock.
(3)
The LFCLK monitor may be used to monitor the LFXT or LFCLK_IN. It will always fault below the MIN fault frequency, and will never
fault above the MAX fault frequency.
7.9 Analog Specifications
7.9.1 ADC Specifications
7.9.1.1 ADC Electrical Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted), all TYP values are
measured at 25
℃ and all accuracy parameters are measured using 12-bit resolution mode (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vin(ADC)
Analog input voltage range(1)
Applies to all ADC analog input pins
0
VDD
V
VR+
Positive ADC reference voltage
VR+ sourced from external reference pin (VREF+)
1.4
VDD
V
VR+ sourced from internal reference (VREF)
VREF
V
VR-
Negative ADC reference voltage
0
V
FS
ADC sampling frequency
12-bit mode, External Reference, VDD ≥ 2.7V and VR+ ≥ 2.5V
9.4
Msps
12-bit mode, External Reference
7.25
Msps
I(ADC) (2)
Operating supply current
into VDD terminal
FS = 9.4 MSPS, Internal reference OFF, VR+ = VDD
2.8
mA
FS = 4 MSPS, Internal reference OFF, VR+ = VDD
1.9
mA
CS/H
ADC sample-and-hold capacitance
3.3
pF
Rin
ADC input resistance
0.2
kΩ
ENOB
Effective number of bits
External reference, fIN = 100kHz, HW averaging 8x
12.3
bit
External reference, fIN = 100kHz
10.8
Internal reference, fIN = 100kHz, VR+ = VREF = 2.5V (3)
10.5
SNR
Signal-to-noise ratio
External reference, fIN = 100kHz
66.7
dB
Internal reference, fIN = 100kHz, VR+ = VREF = 2.5V (3)
65.5
PSRRDC
Power supply rejection ratio, DC
External reference, VDD = VDD(MIN) to VDD(MAX)
60
dB
VDD = VDD(MIN) to VDD(MAX)
Internal reference, VR+ = VREF = 2.5V (3)
50
PSRRAC
Power supply rejection ratio, AC
External reference, ΔVDD = 0.1 V at 1 kHz
57
dB
ΔVDD = 0.1 V at 1 kHz
Internal reference, VR+ = VREF = 2.5V (3)
47
twakeup
ADC Wakeup Time
Assumes internal reference is active
10
us
VSupplyMon
Supply Monitor voltage divider
accuracy
ADC input channel: Supply Monitor (VDD/3), (VBAT/3)
(4)
–1.5
1.5
%
ISupplyMon
Supply Monitor voltage divider current
consumption
ADC input channel: Supply Monitor
10
uA
(1)
The analog input voltage range must be within the selected ADC reference voltage range VR+ to VR– for valid conversion results.
(2)
The internal reference (VREF) supply current is not included in current consumption parameter I(ADC).
(3)
Minimum values based on characterization data
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
www.ti.com
46
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com