Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM33C321ASPZR Datasheet(PDF) 49 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 49 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 45Page - Texas Instruments XM33C321ASPZR Datasheet HTML 46Page - Texas Instruments XM33C321ASPZR Datasheet HTML 47Page - Texas Instruments XM33C321ASPZR Datasheet HTML 48Page - Texas Instruments XM33C321ASPZR Datasheet HTML 49Page - Texas Instruments XM33C321ASPZR Datasheet HTML 50Page - Texas Instruments XM33C321ASPZR Datasheet HTML 51Page - Texas Instruments XM33C321ASPZR Datasheet HTML 52Page - Texas Instruments XM33C321ASPZR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 113 page
background image
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Offset
error
Offset error of 8-bit DAC
-5
5
mV
tdac_settle 8-bit DAC settling time in static mode
DACCODE0 = 0 →
255, DAC output accurate
to 1 LSB
1
µs
tdac_settle
8-bit DAC settling time in sample
mode
DACCODE0 = 0 →
255, DAC output accurate
to 1 LSB
40
µs
7.9.3 VREF Specifications
7.9.3.1 VREF Voltage Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDDmin
Minimum supply voltage needed for
VREF operation
BUFCONFIG = 0
2.7
V
BUFCONFIG = 1
1.71
VREF
Voltage reference output voltage
BUFCONFIG = 0
2.46
2.5
2.54
V
BUFCONFIG = 1
1.38
1.4
1.42
7.9.3.2 VREF Electrical Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVREF
VREF operating supply current
BUFCONFIG = {0, 1}, No load
200
370
µA
IDrive
VREF output drive strength (1)
Drive strength supported on VREF+ device pin
50
µA
ISC
VREF short circuit current
68
TBD
mA
TCVREF
Temperature coefficient of VREF
(Bandgap+VRBUF) (2)
75 ppm/°C
TCdrift
Long term VREF drift
Time = 1000 hours, BUFCONFIG = {0, 1}, T = 25
℃
300
ppm
PSRRDC
VREF Power supply rejection ratio,
DC
VDD = 1.71 V to VDDmax, BUFCONFIG = 1
57
63
dB
VDD = 2.7 V to VDDmax, BUFCONFIG = 0
49
53
CVREF
Recommended ±20% tolerance
decoupling capacitor on VREF+ pin
(3) (4)
1
µF
tstartup
VREF startup time
CVREF = 1µF
350
µS
trefresh
VREF External capacitor refresh
time
31.25
(1)
The specified MAX output drive strength is supported regardless of which peripherals are being used in the device.
(2)
The temperature coefficient of the VREF output is the sum of TCVRBUF and the temperature coefficient of the internal bandgap
reference.
(3)
Decoupling capacitor (CVREF) is required when using the internal voltage reference VREF and should be connected from the VREF+
pin to VREF-/GND. When using the VREF+/- pins to supply an external reference, a decoupling capacitor value should be selected
based on the external reference source.
(4)
The VREF module should only be enabled when CVREF is connected and should not be enabled otherwise.
7.9.4 Analog VBOOST Specification
7.9.4.1 Analog Mux VBOOST
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVBST
VBOOST current adder
MCLK/ULPCLK is
LFCLK
0.8
uA
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com