Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP492GP Datasheet(PDF) 4 Page - Analog Devices

Part # OP492GP
Description  Dual/Quad Single-Supply Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP492GP Datasheet(HTML) 4 Page - Analog Devices

  OP492GP Datasheet HTML 1Page - Analog Devices OP492GP Datasheet HTML 2Page - Analog Devices OP492GP Datasheet HTML 3Page - Analog Devices OP492GP Datasheet HTML 4Page - Analog Devices OP492GP Datasheet HTML 5Page - Analog Devices OP492GP Datasheet HTML 6Page - Analog Devices OP492GP Datasheet HTML 7Page - Analog Devices OP492GP Datasheet HTML 8Page - Analog Devices OP492GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. B
OP292/OP492
–4–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33 V
Input Voltage2 . . . . . . . . . . . . . . . . . . . . . . . . –15 V to +14 V
Differential Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . . . . . . V
Output Short-Circuit Duration . . . . . . . . . . . . UNLIMITED
Storage Temperature Range
P, S Package . . . . . . . . . . . . . . . . . . . . . –65
∞C to +150∞C
Operating Temperature Range
OP292/OP492 P, S . . . . . . . . . . . . . . . . –40
∞C to +125∞C
Junction Temperature Range
P, S Package . . . . . . . . . . . . . . . . . . . . . –65
∞C to +125∞C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . 300
∞C
Package Type
JA
3
JC
Unit
8-Pin Plastic DIP (P)
103
43
C/W
14-Pin Plastic DIP (P)
83
39
C/W
8-Pin SOIC (S)
158
43
C/W
14-Pin SOIC (S)
120
36
C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless other wise
noted.
2For supply voltages less than 36 V, the absolute maximum input voltage is equal
to the supply voltage.
3
JA is specified for the worst-case conditions, i.e.,
JA is specified for device in socket
for P-DIP package; JA is specified for device soldered in circuit board for SOIC
package.
ORDERING GUIDE
Model
Temperature Range
Package Option
OP292GP
*
–40
∞C to +125∞C
N-8
OP292GS
–40
∞C to +125∞C
RN-8
OP492GP
*
–40
∞C to +125∞C
N-14
OP492GS
–40
∞C to +125∞C
RN-14
*Not for new design, obsolete April 2002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com