Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP492GP Datasheet(PDF) 9 Page - Analog Devices

Part # OP492GP
Description  Dual/Quad Single-Supply Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP492GP Datasheet(HTML) 9 Page - Analog Devices

Back Button OP492GP Datasheet HTML 5Page - Analog Devices OP492GP Datasheet HTML 6Page - Analog Devices OP492GP Datasheet HTML 7Page - Analog Devices OP492GP Datasheet HTML 8Page - Analog Devices OP492GP Datasheet HTML 9Page - Analog Devices OP492GP Datasheet HTML 10Page - Analog Devices OP492GP Datasheet HTML 11Page - Analog Devices OP492GP Datasheet HTML 12Page - Analog Devices OP492GP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. B
OP292/OP492
–9–
4.8
3.8
125
4.4
4.0
25
4.2
50
4.6
100
75
50
25
0
TEMPERATURE – C
RL = 100k
RL = 10k
RL = 2k
VS = 5V
TPC 25. OP292/OP492 VOUT Swing vs. Temperature @ 5 V
10.0
1.0
0.1
5.0
0.5
2.0
0.2
50
25
0
25
50
75
100
125
TEMPERATURE
C
VS = 5V
VCM = 0V
OP492
OP292
TPC 26. OP292/OP492 Input Bias Current vs.
Temperature @ 5 V
140
120
0
100
80
60
40
20
010
100k
10k
1k
100
FREQUENCY – Hz
VS = 5V,
15V
RL = 2k
VO = 3Vp–p
TPC 27. OP292/OP492 Channel Separation
15.0
15.0
125
14.0
14.5
225
250
11.0
10.0
12.0
13.0
14.0
100
75
50
25
0
TEMPERATURE – C
RL = 100k
RL = 10k
RL = 2k
RL = 2k
RL = 10k
RL = 100k
VS = 15V
TPC 28. OP292/OP492 VOUT Swing vs. Temperature @
±15 V
600
0
300
100
200
500
400
125
25
50
100
50
25
075
TEMPERATURE
C
VS = 15V
VCM = 0V
OP492
OP292
TPC 29. OP292/OP492 Input Bias Current vs. Temperature
@
±15 V
0.50
0.18
0.26
0.22
0.34
0.30
0.38
0.42
0.46
0.48
0.24
0.20
0.32
0.28
0.36
0.40
0.44
RAIL
RAIL
+15V
–15V
A
V
15
113
11
9
7
5
3
2
014
12
10
8
6
4
VIN – V
IN
TPC 30. OP292/OP492 IB Current vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com