Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP492GP Datasheet(PDF) 10 Page - Analog Devices

Part # OP492GP
Description  Dual/Quad Single-Supply Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP492GP Datasheet(HTML) 10 Page - Analog Devices

Back Button OP492GP Datasheet HTML 6Page - Analog Devices OP492GP Datasheet HTML 7Page - Analog Devices OP492GP Datasheet HTML 8Page - Analog Devices OP492GP Datasheet HTML 9Page - Analog Devices OP492GP Datasheet HTML 10Page - Analog Devices OP492GP Datasheet HTML 11Page - Analog Devices OP492GP Datasheet HTML 12Page - Analog Devices OP492GP Datasheet HTML 13Page - Analog Devices OP492GP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. B
OP292/OP492
–10–
100dV/DIV
MKR: 16.9 V/ Hz
25 kHz
BW: 150 Hz
0Hz
MKR: 1000 Hz
CH A: 800dV FS
TPC 31. Voltage Noise Density
APPLICATION INFORMATION
Phase Reversal
The OP492 has built-in protection against phase reversal when
the input voltage goes to either supply rail. In fact, it is safe for
the input to exceed either supply rail by up to 0.6 V with no risk
of phase reversal. However, the input should not go beyond the
positive supply rail by more than 0.9 V, otherwise the output
will reverse phase. If this condition can occur, the problem can
be fixed by adding a 5 k
current limiting resistor in series with
the input pin. With this addition, the input can go to more than
5 V beyond the positive rail without phase reversal.
An input voltage that is as much as 5 V below the negative rail
will not result in phase reversal.
OP492
2K
5V
OV
11.8V p-p
10
90
100
0%
1V
5µS
Figure 1. Output Phase Reverse If Input Exceeds the Posi-
tive Supply (V+) by More Than 0.9 V
OP492
2k
5V
OV
10V p-p
10
90
100
0%
1V
5µS
10
90
100
0%
1V
5µS
Figure 2. No Negative Rail Phase Reversal, Even with Input
Signal at 5 V Below Ground
Power Supply Considerations
The OP292/OP492 are designed to operate equally well at single 5 V
or
15 V supplies. The lowest supply voltage recommended is 4.5 V.
It is a good design practice to bypass the supply pins with a 0.1
mF
ceramic capacitor. It helps improve filtering of high frequency noise.
For dual supply operation, the negative supply (V–) must be applied
at the same time, or before V . If V
is applied before V–, or in
the case of a loss of V– supply, while either input is connected to
ground or other low impedance source, excessive input current
may result. Potentially damaging levels of input current can de-
stroy the amplifier. If this condition can exist, simply add a l k
or larger resistor in series with the input to eliminate the problem.
TYPICAL APPLICATIONS
Direct Access Arrangement for Telephone Line Interface
Figure 3 shows a 5 V- only transmit/receive telephone line inter-
face for a modem circuit. It allows full duplex transmission of modem
signals on a transformer-coupled 600 V line in a differential man-
ner. The transmit section gain can be set for the specific modem
device output. Similarly the receive amplifier gain can be appro-
priately selected based on the modem device input requirements.
The circuit operates on a single 5 V supply. The standard value
resistors allow the use of a SIP-packaged resistor array; coupled
with a quad op amp in a single package, this offers a compact,
low part-count solution.
50k
5V dc
6.2V
6.2V
T1
1:1
To
Telephone
Line
0.1 F
50k
10 F
MODEM
TX GAIN ADJUST
RX GAIN ADJUST
0.1 F
300k
20k
20k
20k
20k
20k
20k
20k
0.1 F
20k
100pF 5k
5k
1/4
OP492
1/4
OP492
1/4
OP492
5V
TRANSMIT
TXA
RECEIVE
RXA
300k
Figure 3. A Universal Direct Access Arrangement for
Telephone Line Interface
A Single-Supply Instrumentation Amplifier
A low-cost, single-supply instrumentation amplifier can be built
as shown in Figure 4. The circuit utilizes two op amps to form a
high-input impedance differential amplifier. Gain can be set by
selecting resistor RG which can be calculated using the transfer
function equation. Normally, VREFERENCE is set to 0 V. Then the
output voltage is a function of the gain times the differential input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com