Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP492GP Datasheet(PDF) 7 Page - Analog Devices

Part # OP492GP
Description  Dual/Quad Single-Supply Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP492GP Datasheet(HTML) 7 Page - Analog Devices

Back Button OP492GP Datasheet HTML 3Page - Analog Devices OP492GP Datasheet HTML 4Page - Analog Devices OP492GP Datasheet HTML 5Page - Analog Devices OP492GP Datasheet HTML 6Page - Analog Devices OP492GP Datasheet HTML 7Page - Analog Devices OP492GP Datasheet HTML 8Page - Analog Devices OP492GP Datasheet HTML 9Page - Analog Devices OP492GP Datasheet HTML 10Page - Analog Devices OP492GP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. B
OP292/OP492
–7–
TEMPERATURE
C
1.4
0.2
125
0.8
0.4
25
0.6
50
1.2
1.0
100
50
25
075
VS = 15V
VS = +5V
TPC 13. OP292 Supply Current per Amplifier
vs. Temperature
TEMPERATURE
C
6
0
125
3
1
25
2
50
5
4
100
50
25
075
VS = 15V
VO = 10V
SR
VS = 5V
VO = 0.1V, 4V
SR
SR
SR
TPC 14. OP292 Slew Rate vs. Temperature
90
40
10
10k
10M
1M
100k
1k
50
60
70
80
0
10
20
30
FREQUENCY
Hz
TA = 25 C
V
= 5V
V
= 0V
RL = 10k
PHASE
MARGIN
= 83
GAIN
PHASE
135
90
45
0
45
TPC 15. OP292/OP492 Open-Loop Gain and Phase vs.
Frequency @ 5 V
TEMPERATURE
C
1.4
0.2
125
0.8
0.4
25
0.6
50
1.2
1.0
100
50
25
075
VS = 15V
VS = 5V
TPC 16. OP492 Supply Current per Amplifier
vs. Temperature
TEMPERATURE
C
125
25
50
100
50
25
075
6
0
3
1
2
5
4
VS = 15V
VO = 10V
SR
SR
VS = 5V
VO = 0.1V, 4V
SR
SR
TPC 17. OP492 Slew Rate vs. Temperature
10k
10M
1M
100k
1k
FREQUENCY
Hz
135
90
45
0
45
90
40
10
50
60
70
80
0
10
20
30
GAIN
PHASE
PHASE
MARGIN
= 92
TA = 25 C
VS = 10k
RL = 10k
TPC 18. OP292/OP492 Open-Loop Gain/Phase vs.
Frequency @
±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com