Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP492GP Datasheet(PDF) 1 Page - Analog Devices

Part # OP492GP
Description  Dual/Quad Single-Supply Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP492GP Datasheet(HTML) 1 Page - Analog Devices

  OP492GP Datasheet HTML 1Page - Analog Devices OP492GP Datasheet HTML 2Page - Analog Devices OP492GP Datasheet HTML 3Page - Analog Devices OP492GP Datasheet HTML 4Page - Analog Devices OP492GP Datasheet HTML 5Page - Analog Devices OP492GP Datasheet HTML 6Page - Analog Devices OP492GP Datasheet HTML 7Page - Analog Devices OP492GP Datasheet HTML 8Page - Analog Devices OP492GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
OP292/OP492
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
FEATURES
Dual/Quad Single-Supply
Operational Amplifiers
Single-Supply Operation: 4.5 V to 33 V
Input Common-Mode Includes Ground
Output Swings to Ground
High Slew Rate: 3 V/ s
High Gain Bandwidth: 4 MHz
Low Input Offset Voltage
High Open-Loop Gain
No Phase Inversion
Low Cost
APPLICATIONS
Disk Drives
Mobile Phones
Servo Controls
Modems and Fax Machines
Pagers
Power Supply Monitors and Controls
Battery-Operated Instrumentation
GENERAL DESCRIPTION
The OP292/OP492 are low cost, general purpose dual and quad
operational amplifiers designed for single-supply applications
and are ideal for 5 olt systems.
Fabricated on Analog Devices’ CBCMOS process, the OP292/
OP492 series has a PNP input stage that allows the input voltage
range to include ground. A BiCMOS output stage enables the
output to swing to ground while sinking current.
The OP292/OP492 series is unity-gain stable and features an
outstanding combination of speed and performance for single-
or dual-supply operation. The OP292/OP492 provide high slew
rate, high bandwidth, with open-loop gain exceeding 40,000
and offset voltage under 800
(OP292) and 1 mV (OP492).
With these combinations of features and low supply current, the
OP292/OP492 series is an excellent choice for battery-operated
applications.
The OP292/OP492 series performance is specified for single- or
dual-supply voltage operation over the extended industrial tem-
perature range (–40
∞C to +125∞C).
Package options for the OP292 and OP492 include plastic DIP,
SO-8 (OP292) and SO-14.
PIN CONNECTIONS
8-Lead Narrow-Body SOIC
8-Lead Epoxy DIP
(S-Suffix)
(P-Suffix)
1
2
3
4
8
7
6
5
OP292
1
2
3
4
8
7
6
5
OP292
V
OUTA
INA
INA
V
INB
INB
OUTB
14-Lead Narrow-Body SOIC
14-Lead Epoxy DIP
(S-Suffix)
(P-Suffix)
4
8
7
6
5
TOP VIEW
(NOT TO S CALE)
OP-292
TOP VIEW
(NOT TO S CALE)
OP-292
9
10
11
1
2
3
14
13
12
OP492
OP492
OUTD
IND
IND
V
INC
INC
OUTC
OUTA
V
OUTB
8
9
10
11
14
13
12
4
7
6
5
1
2
3
INA
INA
INB
INB


Similar Part No. - OP492GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP492GP AD-OP492GP Datasheet
686Kb / 20P
DUAL/QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIER
More results

Similar Description - OP492GP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Analog Devices
OP492GSZ AD-OP492GSZ Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. C
OP292 AD-OP292_15 Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. C
OP492 AD-OP492_15 Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
Rev. C
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com