Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4992 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L4992
Description  TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4992 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L4992 Datasheet HTML 7Page - STMicroelectronics L4992 Datasheet HTML 8Page - STMicroelectronics L4992 Datasheet HTML 9Page - STMicroelectronics L4992 Datasheet HTML 10Page - STMicroelectronics L4992 Datasheet HTML 11Page - STMicroelectronics L4992 Datasheet HTML 12Page - STMicroelectronics L4992 Datasheet HTML 13Page - STMicroelectronics L4992 Datasheet HTML 14Page - STMicroelectronics L4992 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
+5 V LINEAR REGULATOR & +3.3 V REFERENCE VOLTAGE GENERATOR
This low drop-out regulator powers almost all the internal circuitry, that is the +3.3V reference voltage
generator, amplifiers, comparators, digital logic, and MOSFET drivers. Its output is externally available
through pin REG5.
The typical external use of this generator is to charge the bootstrap capacitors used to produce the gate-
drive voltage for the high-side MOSFET’s of both PWM converters.
At start-up and when the 5V section is not operating, this regulator is powered by the chip input voltage.
To reduce power consumption, the linear regulator is turned off and the REG5 pin is internally connected
to the 5V PWM regulator output via V5SW pin, when the 5V PWM regulator is active and its output volt-
age is above the switchover threshold, 4.5V.
The 5V regulator is always active, even if both PWM regulators are disabled, as long as power is applied
to the chip.
The 3.3V reference voltage generator, which is active only when either PWM converter is enabled, pro-
vides comparison levels for threshold detection and device operation. It is allowed to source up to 5mA
to an external load from its buffered output, externally available through pin VREF.
If either REG5 or VREF does not deliver the correct voltage, the device is shut down.
POWER MANAGEMENT
The L4992 is provided with some control pins suitable to perform some functions which are commonly
used or sometimes required in battery-operated equipment. Besides, it features controlled timing se-
quences in case of turn-on/off and device shutdown for a safe and reliable behaviour under all condi-
tions.
As above mentioned, RUN3 and RUN5 pins allow to disable separately both PWM converters by means
of logic signals (likely coming from a
µP) as mentioned earlier.
NOSKIP can disable the pulse-skipping feature: when it is held high neither of the PWM regulators is al-
lowed to enter this kind of operation.
The PWROK output signal drives low immediately when either PWM regulator output falls below its own
undervoltage threshold or when either of them is disabled. It is high when both regulator run properly.
A capacitor connected between CRST and ground fixes a time, in the order of 2ms/nF, which delays the
transition low-high of PWROK. This happens at start-up or after recovering an undervoltage condition,
provided both RUN3 and RUN5 are high. The delay starts from the moment in which the output voltage
has reached its correct value for both sections.
The same delay intervenes also in another circumstance: when a section is disabled (because its RUN is
driven low or owing to a thermal shutdown), the relevant synchronous rectifier is turned on after the
above delay in order to make sure that the load is no longer supplied.
This delay, however, does not intervene in case of overvoltage: the synchronous rectifier is immediately
turned on after the shutdown, thus acting as a built-in "crowbar".
All these timing sequences are illustrated in Fig 7.
DETAILED FUNCTIONAL DESCRIPTION (continued)
L4992
11/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com