Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4992 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L4992
Description  TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4992 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L4992 Datasheet HTML 18Page - STMicroelectronics L4992 Datasheet HTML 19Page - STMicroelectronics L4992 Datasheet HTML 20Page - STMicroelectronics L4992 Datasheet HTML 21Page - STMicroelectronics L4992 Datasheet HTML 22Page - STMicroelectronics L4992 Datasheet HTML 23Page - STMicroelectronics L4992 Datasheet HTML 24Page - STMicroelectronics L4992 Datasheet HTML 25Page - STMicroelectronics L4992 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
0.001
0.005 0.01
0.05
0.5
0.1
1
10
100
fs
(KHz)
D96IN428A
Vin=6V
Vin=20V
VO=5.1V
OSC=2.5V
I
O
(A)
0.1
Figure 19: Switching Frequency vs Output Cur-
rent (pulse skipping)
0.001
0.005 0.01
0.05
0.5
0.1
1
10
100
fs
(KHz)
D96IN427A
Vin=6V
Vin=20V
VO=3.3V
REG12=OPEN
OSC=2.5V
I
O
(A)
0.1
Figure 18: Switching Frequency vs Output Cur-
rent (pulse skipping)
0.001
0.005 0.01
0.05 0.1
0.5 1
5 I
OUT5
(A)
87
88
89
90
91
92
EFF.
(%)
Vin=6V
Vin=20V
D97IN581
93
Figure 16: Demo Board Overall Efficiency (Iout3
= 3A, REG12 = OPEN, OSC = GND)
0.001
0.005 0.01
0.05 0.1
0.5 1
5I
OUT3
(A)
89
90
EFF.
(%)
Vin=6V
Vin=20V
D97IN582
91
92
93
Figure 17: Demo Board Overall Efficiency (Iout5
= 3A, REG12 = OPEN, OSC = GND)
DEMO BOARD-EVALUATION (continued)
0
20406080
100 IOUT(mA)
4.85
4.90
4.95
5.00
5.05
VOUT
(V)
D97IN583
Figure 20: REG5 Regulator Characteristic (Vin =
6V, RUN3 = RUN5 = LOW, Tj = 25°C)
0
50
100
150
200
IOUT(mA)
0
2
4
6
8
10
12
VOUT
(V)
D97IN584
Figure 21: 12V Linear Regulator Characteristic
(V13IN = 15V, RUN3 = HIGH, Tj = 25 °C)
L4992
23/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com