Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4992 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L4992
Description  TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4992 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L4992 Datasheet HTML 18Page - STMicroelectronics L4992 Datasheet HTML 19Page - STMicroelectronics L4992 Datasheet HTML 20Page - STMicroelectronics L4992 Datasheet HTML 21Page - STMicroelectronics L4992 Datasheet HTML 22Page - STMicroelectronics L4992 Datasheet HTML 23Page - STMicroelectronics L4992 Datasheet HTML 24Page - STMicroelectronics L4992 Datasheet HTML 25Page - STMicroelectronics L4992 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
L4992
29
30 31
32
1
2
3 24
25
26 27
28
19
20
18
16
15
22
10
13
12
9
17
8
6
5
4
7
11
14
L1
R1
VOUT1
5.1V/3A
C3
R3
C16
C7
D1
Q1
Q3
C1
C5
D3
R5
R6
S3
S4
C9
C11
C12
C13
C14
C15
D4
C6
C2
Q2
Q4
C8
D2
T1
PWROK
C18
REG12
R2
R8
R7
S2
S1
R9
C17
D5
R4
C10
C4
VOUT2
3.3V/3A
VOUT3
12V/0.12A
D98IN813
21
12V BUS
5V BUS
APPLICATION IDEAS
Figure 22: Application with Split Supply
L4992
22
7(18)
5(20)
6(19)
RB
Rsense
RA
R3(R4)
C9
(C10)
C18
12V
MIN.
LOAD
VO <5.1V
(VO <3.3V)
D98IN814
RB BALANCES ZCD COMPARATOR
Figure 23: Low output voltage.
L4992
24/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com