Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4992 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L4992
Description  TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4992 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L4992 Datasheet HTML 9Page - STMicroelectronics L4992 Datasheet HTML 10Page - STMicroelectronics L4992 Datasheet HTML 11Page - STMicroelectronics L4992 Datasheet HTML 12Page - STMicroelectronics L4992 Datasheet HTML 13Page - STMicroelectronics L4992 Datasheet HTML 14Page - STMicroelectronics L4992 Datasheet HTML 15Page - STMicroelectronics L4992 Datasheet HTML 16Page - STMicroelectronics L4992 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Basically, the application circuit topology is fixed, and the design procedure concerns only the selection
of the component values suitable for the voltage and current requirements of the specific application.
The design data one needs to know are therefore:
Input voltage range: the minimum (Vinmin) and the maximum (Vinmax) voltage under which the applica-
tion is expected to operate;
Maximum load current for each of the three sections:
- Iout3 for the +3.3V section;
- Iout5 for the +5.1V section:
- Iout12 for the +12V section;
Maximum peak-to-peak ripple amplitude of the output voltage for each switching section:
- Vrpp3 for the +3.3V section;
- Vrpp5 for the +5.1V section;
The operating frequency fsw (200/300 kHz or externally synchronized).
It is worth doing some preliminary considerations. The selection of the switching frequency depends on
the requirements of the application. If the aim is to minimize the size of the external components, 300
kHz will be chosen. For low input voltage applications 200 kHz is preferred, since it leads to a higher
maximum duty cycle.
As for the switching regulators, the inductance value of the output filter affects the inductor current ripple:
the higher the inductance the lower the ripple. This implies a lower current sense resistor value (for a
given Iout), lower core losses and a lower output voltage ripple (for a given output capacitor) but, on the
other hand, more copper losses and a worse transient behaviour due to load changes. Usually the maxi-
mum ripple peak-to-peak amplitude (which occurs at Vinmax) is chosen between 15% and 50% of the full
load current. It is convenient to introduce a ripple factor coefficient, RF, that is therefore a number be-
tween 0.15 and 0.5.
As for the linear regulator, its input voltage Vinlin should not fall below 13V and therefore the auxiliary
winding should be dimensioned to get this voltage with a certain margin (say, 14V). Conversely, an
higher input voltage leads to higher losses inside the regulator, to the detriment of efficiency, and to
higher total current on the +3.3V inductor. Besides it implies a higher turns ratio and therefore a worse
magnetic coupling, which affect energy transfer during flyback.
SWITCHING REGULATORS
+5.1V Inductor
To define the inductor, it is necessary to determine firstly the inductance value. Its minimum value is
given by:
L5min
=
5.1
⋅ (Vin max − 5.1)
Vin max
⋅ fsw ⋅ Iout5 ⋅ RF
and a value L5 > L5min should be selected.
Core geometry selection is connected to the requirements of the specific application in terms of space
utilization and other practical issues like ease of mounting, availability and so on. As to the material, the
choice should be directed towards ferrite, molypermalloy or Kool M
µ®, to achieve high efficiency. These
materials provide low core losses (ferrite in particular), so that the design can be concentrated on pre-
venting saturation and limiting copper losses.
Saturation must be avoided even at maximum peak current:
IL5pk
= Iout5
+
5.1
⋅ (Vin max − 5.1)
2
⋅ fsw ⋅ L5 ⋅ Vin max
To limit copper losses, the winding DC resistance, RL, should be as low as possible (in the range of m
Ω).
AC losses can usually be neglected. A practical criterion to minimize DC resistance could be to use the
largest wire that fits the selected core.
Anyway the best solution, whenever possible, is to use an off-the-shelf inductor which meets the require-
ments in terms of inductance and maximum DC current. Nowadays there is a broad range of products
DESIGN PROCEDURE
L4992
13/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com