Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4992 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L4992
Description  TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4992 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L4992 Datasheet HTML 17Page - STMicroelectronics L4992 Datasheet HTML 18Page - STMicroelectronics L4992 Datasheet HTML 19Page - STMicroelectronics L4992 Datasheet HTML 20Page - STMicroelectronics L4992 Datasheet HTML 21Page - STMicroelectronics L4992 Datasheet HTML 22Page - STMicroelectronics L4992 Datasheet HTML 23Page - STMicroelectronics L4992 Datasheet HTML 24Page - STMicroelectronics L4992 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Pulse-skipping operation is enabled by default in order to maximize efficiency also in low load current
range. The transition between PWM and pulse-skipping occurs approximately below 1A, however there
is a region in which the two operation modes coexist rather than a definite boundary. That can be seen
on the scope as an irregularity of the waveforms but does not have much influence both on output ripple
and efficiency.
Those who do not appreciate asynchronous operation of the pulse-skipping mode can disable it for both
regulators, by setting switch 2 on 1. That maintains PWM operation up to very low output currents where,
however, the regulation becomes incompatible with the switching frequency. This means that the mini-
mum ON-time of the high-side MOSFET is too long for the thruput energy level at the operating fre-
quency. Thus the control system begins skipping conduction cycles to avoid the output voltage drifting
upwards.
Table 1 shows the complete L4992 EVAL KIT parts list. Critical components characteristics are given in
detail.
DEMO BOARD EVALUATION
The following diagrams and tables show the typical performance of the demonstration board in terms of
efficiency, line regulation and load regulation. The 12V linear regulator and REG5 are also characterized.
Table 2: PWM Regulators: Optimum Efficiency
Parameter
Test Condition
Value
Unit
+3.3V Maximum Efficiency
RUN3 = RUN5 = HIGH, NOSKIP = LOW
Vin = 6V, Iout = 0.5 A, fSW = 200 kHz
Vin = 6V, Iout = 1A, fSW = 300 kHz
95.2
94.6
%
+5.1V Maximum Efficiency
RUN3 = LOW, NOSKIP = LOW
Vin = 6V, Iout = 1A, fSW = 200 kHz
Vin = 6V, Iout = 1A, fSW = 300 kHz
96.4
95.8
%
DESIGN PROCEDURE (continued)
Table 3: PWM regulators: Line and Load Regulation.
Parameter
Test Condition
Value
Unit
+3.3V Line Regulation
RUN5 = LOW, NOSKIP = LOW, 6 < Vin < 20V
Iout = 0.1 A, fSW = 200 kHz
Iout =1A, fSW = 200 kHz
2
15
mV
+5.1V Line Regulation
RUN3 = LOW, NOSKIP = LOW, 6 < Vin < 20V
Iout = 0.1A, fSW = 200 kHz
Iout = 1A, fSW = 200 kHz
3
20
mV
+3.3V Load Regulation
RUN5 = LOW, NOSKIP = LOW, 5 mA < Iout < 3A
Vin = 6 V, fSW = 200 kHz
Vin = 15V, fSW = 200 kHz
85
70
mV
+5.1V Load Regulation
RUN3 = LOW, NOSKIP = LOW, 5 mA < Iout < 3A
Vin = 6 V, fSW = 200 kHz
Vin = 15V, fSW = 200 kHz
90
75
mV
L4992
21/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com