Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADL5521ACPZ-R7
Description  400 MHz - 4000 MHz Low Noise Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADL5521ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
Preliminary Technical Data
ADL5521
Rev. PrC| Page 31 of 45
LOAD PULL CIRCLES, GAIN AND IP3, VPOS = 5V
Figure 96. IP3 and Gain Contours for
500MHz Matching Components
Figure 97. IP3 and Gain Contours
for 2140MHz Matching Components
Figure 98. IP3 and Gain Contours for
900MHz Matching Components
Figure 99. IP3 and Gain Contours for
2600MHz Matching Components
Figure 100. IP3 and Gain Contours
for 1300MHz Matching Components
Figure 101. IP3 and Gain Contours
for 3500MHz Matching Components
Figure 102. IP3 and Gain Contours
for 1950MHz Matching Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com