Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521ACPZ-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADL5521ACPZ-R7
Description  400 MHz - 4000 MHz Low Noise Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521ACPZ-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADL5521ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Preliminary Technical Data
ADL5521
Rev. PrC| Page 39 of 45
Figure 127. S11 of ADL5521 with S22 Matched at 800MHz
Figure 128. S11 of ADL5521 with S22 Matched at 1.4 GHz
Figure 129. S11 of ADL5521 with S22 Matched at 2.0 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com