Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521ACPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADL5521ACPZ-R7
Description  400 MHz - 4000 MHz Low Noise Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521ACPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADL5521ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
ADL5521
Preliminary Technical Data
Rev. PrC| Page 38 of 45
Figure 126. Area of Optimal Noise Matching for ADL5521, 23
S11 Parameters of ADL5521,23 with S22 Matched
To determine the correct matching circuit for optimal noise, the
next step is to look at the results of S11 for the various frequencies
at which S22 was tuned earlier in this note. Once the S11 is
determined for a particular frequency, all that needs to be done is
to find the matching components that provide that match.
Figure 127 to Figure 132 show S11 for the various frequencies.
Again, these measurements are all based on S22 being matched at
that particular frequency.
Note that the S11 for every example shown in Figure 127 to Figure
132 is either in the lower left quadrant of the Smith Chart or
slightly into the upper left. To move this impedance in the given
noise circle first requires a series L component at the LNA input.
The values for L in all of the examples will differ, but a correct
value of L will move the match along the constant R circle up into
upper left quadrant of the Smith Chart.
A shunt capacitor can then be added to move the match along a
constant admittance line, down and to the right, hopefully right
into the center of the noise circle given in Figure 126.
The solution for the structure of the match for all of the examples
in Figure 127 to Figure 132 is a series L to the input of the LNA,
and a shunt capacitor at the generator end of this inductor.
An example of the effect of the series L, shunt C match, based on
the 800MHz example, is given in Figure 133. This example uses
the output from the Agilent ADS Smith Chart tool.
Frequency
C1
C2
C3
C5
L1
L2
500MHz
na
82pf
na
1nf
9nH
12nH
750MHz
2.0pf
11nH
3.4nH
900 MHz
2.4pF
8.2nH
3.4nH
1400 MHz
2.4pF
5.1nH
0
Ω
1950 MHz
1.3pF
1nF
1.1nH
0
Ω
2150 MHz
1.3pf
1.1nH
0
Ω
2400 MHz
1.3pf
1.3nH
0
Ω
Table 8. L and C Values for ADL5521 Matching Circuits at Various Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com