Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521ACPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADL5521ACPZ-R7
Description  400 MHz - 4000 MHz Low Noise Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521ACPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADL5521ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
ADL5521
Preliminary Technical Data
Rev. PrC| Page 34 of 45
TUNING THE ADL5521/23 EVAL BOARD FOR OPTIMAL NOISE FIGURE
The ADL5521 and ADL5523 are monolithic LNAs in a 3x3mm
LFCSP package. The eval board, as shipped from the factory,
should give a noise figure of 0.9dB over a bandwidth of several
hundred MHz. The specific frequency where optimal noise is
reached depends on the tuning.
The bandwidth of the ADL5521 is 400MHz to 4GHz, although
noise figure will degrade above 2.5GHz as the gain begins to roll
off.
Note – The factory eval board has a bias resistor on the LNA of
3.3K Ω. If this bias resistor is increased to 5.2K Ω, the optimal
noise figure will drop to 0.8dB, but the tradeoff is that the OIP3
will typically drop from 35 to 33dB. The change in S parameters
will be insignificant when changing bias resistors, so this section
will only take into account measurements done with 3.3K Ω bias
resistor.
Contents of this note are based completely on lab measurements.
Although there are plots in which the Agilent ADS environment is
used, the data in these plots comes completely from lab
measurements.
Tuning S22
Tuning of the LNA begins with S22 (output tuning). Tuning of the
LNA output is done by placing reactive components on the bias
line, referred to in the schematics in Figure 88 as VPOS.
On the LNA eval board, S22 tuning is achieved by either the use of
an inductor (L2) on the bias line, or a shunt cap C3) on the bias
line to ground. Typically, either L2 is required, or C3, but not
both.
The evaluation board uses a ‘slider’ on the bias line in order to
make tuning for S22 as easy as possible. The slider is an area of
ground etch adjacent to the bias line that is clear of solder mask.
The bias line in this area is also free of solder mask. This allows a
capacitor (C3) to be placed anywhere on the bias line to ground
and so provides easy, very accurate tuning for S22.
Note that the PCB layout shows two capacitors, C3 and C4.
Typically only one of these is needed for good S22 tuning.
The slider can be seen in the LNA PCB layout in Figure 117 as the
red area to the right of the bias line. With a 0 Ω jumper in place of
L2, moving a 1nF capacitor from the top to the bottom effectively
tunes S22 from 1400 MHz to 3500MHz. Table 7 shows the
component values and placement required for S22 tuning from
800MHz to 3200MHz. For lower frequencies, higher values of L2
can be used to tune S22, and for frequencies from 3.2GHx to
4.0GHz, smaller values of capacitors can be used on the slider.
The results for S22 tuned for different frequencies are shown in
Figure 118 to Figure 123.
Frequency
(MHz)
L2 (nH)
C3 (nF)
C3
Placement
800
3.4
Open
1400
0 Ω
Open
2000
0 Ω
1nF
A
2400
0 Ω
1nF
B
2800
0 Ω
1nf
C
3200
0 Ω
1nf
D
Table 7. Capacitor and Inductor Tuning and Placement for LNA S22 Tuning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com