Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5521ACPZ-R7
Description  400 MHz - 4000 MHz Low Noise Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5521ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5521ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
Preliminary Technical Data
ADL5521
Rev. PrC| Page 17 of 45
TYPICAL PERFORMANCE CHARACTERISTICS, 1950MHZ, VPOS = 5V
Matched for optimal noise figure, external matching circuit included.
Figure 21. Typical S Parameters, Log magnitude
Figure 22. S11 and S22, Smith Chart
14
16
18
20
22
24
26
28
30
1920
1930
1940
1950
1960
1970
1980
Freq - MHz
0
5
10
15
20
25
30
35
40
Gain (-40°C
+25°C
+85°C)
P1dB (-40°C
+25°C
+85°C)
OIP3 (-40°C
+25°C
+85°C)
0
0.5
1
1.5
2
2.5
3
3.5
1920
1930
1940
1950
1960
1970
1980
Frequency (MHz)
Figure 23.Gain, P1dB, OIP3 vs. Frequency
Figure 24. Distribution of Noise Figure for Five Parts
-10
-5
0
5
10
15
20
25
30
-25
-20
-15
-10
-5
0
5
10
Pin - dBm
Gain (-40°C
+25°C
+85°C)
Output Power (-40°C
+25°C
+85°C)
25
26
27
28
29
30
31
32
33
34
35
36
37
38
-8
-6
-4
-2
02468
10
12
14
16
18
20
Pout - dBm
+85°C (1920MHz
1950MHz
1980MHz)
+25°C (1920MHz
1950MHz
1980MHz)
-40°C (1920MHz
1950MHz
1980MHz)
Figure 25. Output Power and Gain vs. Temperature
Figure 26. O IP3 vs. Output Power, Temperature and Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com