Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2RF Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # P2RF
Description  A Wide Variety of Square and Round Sockets in Front-mounting and Back-mounting Models
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RF Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button P2RF Datasheet HTML 3Page - Omron Electronics LLC P2RF Datasheet HTML 4Page - Omron Electronics LLC P2RF Datasheet HTML 5Page - Omron Electronics LLC P2RF Datasheet HTML 6Page - Omron Electronics LLC P2RF Datasheet HTML 7Page - Omron Electronics LLC P2RF Datasheet HTML 8Page - Omron Electronics LLC P2RF Datasheet HTML 9Page - Omron Electronics LLC P2RF Datasheet HTML 10Page - Omron Electronics LLC P2RF Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
Common Sockets
Specifications
Socket Characteristics
* The insulation resistance was measured with a 500-VDC insulation resistance meter at the same places as those used for measuring the
dielectric strength.
Safety Precautions
Refer to Common Relay Precautions for general precautions.
Model
Continuous
carry current
Dielectric strength
Insulation
resistance*
Remarks
P2RFZ-05-E
10 A
Between contact terminals of same polarity: 1,000 VAC for 1 min
1,000 M
Ω min.
Between coil and contact terminals: 4,000 VAC for 1 min
P2RFZ-08-E
5 A
Between contact terminals of different polarity: 3,000 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 1,000 VAC for 1 min
Between coil and contact terminals: 4,000 VAC for 1 min
P2RF-05(-E)
10 A
Between contact terminals of same polarity: 1,000 VAC for 1 min
1,000 M
Ω min.
Between coil and contact terminals: 4,000 VAC for 1 min
P2RF-08(-E)
5 A
Between contact terminals of different polarity: 3,000 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 1,000 VAC for 1 min
Between coil and contact terminals: 4,000 VAC for 1 min
P2R-05P
10 A
Between contact terminals of same polarity: 1,000 VAC for 1 min
1,000 M
Ω min.
Between coil and contact terminals: 4,000 VAC for 1 min
P2R-08P
5 A
Between contact terminals of different polarity: 3,000 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 1,000 VAC for 1 min
Between coil and contact terminals: 4,000 VAC for 1 min
P2R-057P
10 A
Between contact terminals of same polarity: 1,000 VAC for 1 min
1,000 M
Ω min.
Between coil and contact terminals: 5,000 VAC for 1 min
P2R-087P
5 A
Between contact terminals of different polarity: 3,000 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 1,000 VAC for 1 min
Between coil and contact terminals: 5,000 VAC for 1 min
P2R-05A
10 A
Between contact terminals of same polarity: 1,000 VAC for 1 min
1,000 M
Ω min.
Between ground terminals: 1,500 VAC for 1 min
Between coil and contact terminals: 4,000 VAC for 1 min
P2R-08A
5 A
Between contact terminals of different polarity: 3,000 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 1,000 VAC for 1 min
Between ground terminals: 1,500 VAC for 1 min
Between coil and contact terminals: 4,000 VAC for 1 min
P7TF-05
5 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
PYFZ-08(-E)
10 A
Between contact terminals of different polarity: 2,250 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 2,250 VAC for 1 min
Between coil and contact terminals: 2,250 VAC for 1 min
PYF08A(-E)
7 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
The continuous carry current of 10
A for the PYF08S is for an
ambient temperature of 55°C.
At an ambient temperature of
70°C, the value is 7 A.
PYF11A
5 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
PYFZ-14(-E)
6 A
Between contact terminals of different polarity: 2,250 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 2,250 VAC for 1 min
Between coil and contact terminals: 2,250 VAC for 1 min
PYF14A(-E)
3 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
PY08(-Y1)(-Y3)
7 A
Between terminals: 1,500 VAC for 1 min
1,000 M
Ω min.
PY08QN(-Y1)
7 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY08-02
7 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY11(-Y1)
5 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY11QN(-Y1)
5 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY11-02
5 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY14(-Y1)(-Y3)
3 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY14QN(-Y1)
3 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY14-02
3 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PTF
@@A(-E)
10 A
Between terminals: 2,000 VAC for 1 min
100 M
Ω min.
PT
@@
10 A
Between terminals: 2,000 VAC for 1 min
100 M
Ω min.
PT
@@QN
10 A
Between terminals: 2,000 VAC for 1 min
100 M
Ω min.
PT
@@-0
10 A
Between terminals: 2,000 VAC for 1 min
100 M
Ω min.
P7LF-06
30 A
Between contact terminals of different polarity: 2,000 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 2,000 VAC for 1 min
Between coil and contact terminals: 4,000 VAC for 1 min
PF
@@@A(-E)
5 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
P2CF-
@(-E)
5 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
8PFA(1)
10 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
11PFA(1)
10 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
P3G(A)-
@
6 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
PL
@(-Q)
10 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
PLE
@@-0
10 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com