Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2RF Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # P2RF
Description  A Wide Variety of Square and Round Sockets in Front-mounting and Back-mounting Models
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RF Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button P2RF Datasheet HTML 13Page - Omron Electronics LLC P2RF Datasheet HTML 14Page - Omron Electronics LLC P2RF Datasheet HTML 15Page - Omron Electronics LLC P2RF Datasheet HTML 16Page - Omron Electronics LLC P2RF Datasheet HTML 17Page - Omron Electronics LLC P2RF Datasheet HTML 18Page - Omron Electronics LLC P2RF Datasheet HTML 19Page - Omron Electronics LLC P2RF Datasheet HTML 20Page - Omron Electronics LLC P2RF Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
17
Common Sockets
Note: 1. Use a panel with a thickness of 1 to 2 mm when mounting a Socket on it.
2. You can use the PY14-Y1 or PY14QN-Y1 for the MY4 Series, MY4H, MYQ4(Z), or MY2K.
3. You can use the PY14-Y3 or PY14QN-Y3 for H3Y Timers.
Dimensions
Terminal
Arrangement/
Internal
Connections
Mounting hole and PCB dimensions
20 max.
2.7
*
Fourteen, 3 x 1.2 ellipses
5
7.7
24 max.
2.6
25.5 max.
29.5 max.
L
*The PY14-Y@ includes
the part outlined by the
dashed lines above.
PY14
PY14-Y1 (L = 42 max.)
PY14-Y3 (L = 60 max. )
3
2
1
4
7
6
5
8
11
10
9
12
13
14
(Bottom View)
25.8±0.2
21.4+0.2
0
4.1
12.65
6.35
6.4
4.2
Fourteen
1.3-dia. holes
5.8
13.2
4.4
L
5
22 max.
24 max.
29.5 max.
41.5 max.
(36.5 max.)*2
2.7
(20)*2
25
*1
1
*1. The PY14QN-Y
@ and PY14QN2-Y@ include the part outlined
by the dashed lines above.
*2. The figures in the parentheses are for the PY14QN2(-Y
@).
PY14QN
PY14QN2
PY14QN-Y1 (L = 42 max.)
PY14QN2-Y1 (L = 42 max.)
PY14QN-Y3 (L = 60 max.)
PY14QN2-Y3 (L = 60 max.)
2.7
4.3
0.3
22 max.
25.5 max.
2
1.0
29.5 max.
16.5 max.
PY14-02
* The structure does not resist flux. Manual
soldering is recommended for this product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com