Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2RF Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # P2RF
Description  A Wide Variety of Square and Round Sockets in Front-mounting and Back-mounting Models
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RF Datasheet(HTML) 1 Page - Omron Electronics LLC

  P2RF Datasheet HTML 1Page - Omron Electronics LLC P2RF Datasheet HTML 2Page - Omron Electronics LLC P2RF Datasheet HTML 3Page - Omron Electronics LLC P2RF Datasheet HTML 4Page - Omron Electronics LLC P2RF Datasheet HTML 5Page - Omron Electronics LLC P2RF Datasheet HTML 6Page - Omron Electronics LLC P2RF Datasheet HTML 7Page - Omron Electronics LLC P2RF Datasheet HTML 8Page - Omron Electronics LLC P2RF Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
CSM_common_sockets_DS_E_3_15
1
Common Sockets
A Wide Variety of Square and
Round Sockets in Front-mounting
and Back-mounting Models
• Models available with finger protection.
• Hold-down Clips and Short Bars for PYFZ/PYF
Sockets are also available.
• New screwless models available.
Ordering Information
Square Sockets
Note: 1. The structure of
@-E models provides finger protection. Round terminals cannot be used. Use forked crimp terminals.
2. To remove the Relay, pull the lever on the Socket with your fingers supporting the lever and the opposite side of the Relay case, and
jiggle the Relay.
* Use a #1 Phillips screwdriver to tighten the screws on this Socket.
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
Model
P2RF (front-mounting), page 8
P2R (back-mounting), pages 11 and 12
P7TF (front-
mounting),
page 12
Number
of pins
Solder terminals
PCB terminals
5 pins
P2RF-05
Approx. 27 g
P2RFZ-05-E
Approx. 30 g
P2RF-05-E*
Approx. 38 g
P2R-05A
Approx. 5 g
P2R-05P
Approx. 5 g
P2R-057P
Approx. 5.5 g
P7TF-05
Approx. 28 g
8 pins
P2RF-08
Approx. 33 g
P2RFZ-08-E
Approx. 38 g
P2RF-08-E*
Approx. 38 g
P2R-08A
Approx. 5 g
P2R-08P
Approx. 5 g
P2R-087P
Approx. 5.5 g
---


Similar Part No. - P2RF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P2RF-05 OMRON-P2RF-05 Datasheet
819Kb / 11P
Slim and Space-saving Power Plug-in Relay
P2RF-05 OMRON-P2RF-05 Datasheet
1Mb / 15P
Slim and Space-saving Power Plug-in Relay
P2RF-05 OMRON-P2RF-05 Datasheet
4Mb / 21P
FQ2-S25050F
2021.11
P2RF-05 OMRON-P2RF-05 Datasheet
875Kb / 10P
Slim and Space-saving Power Plug-in Relay
P2RF-05 OMRON-P2RF-05 Datasheet
702Kb / 19P
Power PCB Relay
5/03
More results

Similar Description - P2RF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX670 OMRON-EE-SX670 Datasheet
182Kb / 8P
Photomicrosensor with Dark-ON Indicator in Variety of Mounting Styles
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
Remote controllable and available in a wide variety of products
RS201111J011 ALPS-RS201111J011 Datasheet
1Mb / 11P
Solderable with auto dipping and available in a wide variety
RS-1 ALPS-RS-1 Datasheet
1Mb / 11P
Solderable with auto dipping and available in a wide variety
logo
TE Connectivity Ltd
KUP TEC-KUP Datasheet
1Mb / 5P
Wide selection of termination and mounting styles
logo
Tyco Electronics
S86R MACOM-S86R Datasheet
114Kb / 2P
Variety of mounting styles
logo
Rosenberger Hochfrequen...
23C21D-40ML5 ROSENBERGER-23C21D-40ML5 Datasheet
351Kb / 2P
A wide variety of transmissionline topologies and pcb-parameters like permittivity
logo
Shanghai Leiditech Elec...
HL90-250 LEIDITECH-HL90-250 Datasheet
375Kb / 3P
Telecom and wide variety of electronic equipment
logo
ETA-USA
VTA05-SC12 ETA-USA-VTA05-SC12 Datasheet
6Mb / 3P
25W Variety of Models
logo
Belden Inc.
734209-100 BELDEN-734209-100 Datasheet
107Kb / 2P
Protective cap for M12 mounting sockets and cable sockets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com