Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2RF Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # P2RF
Description  A Wide Variety of Square and Round Sockets in Front-mounting and Back-mounting Models
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RF Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button P2RF Datasheet HTML 10Page - Omron Electronics LLC P2RF Datasheet HTML 11Page - Omron Electronics LLC P2RF Datasheet HTML 12Page - Omron Electronics LLC P2RF Datasheet HTML 13Page - Omron Electronics LLC P2RF Datasheet HTML 14Page - Omron Electronics LLC P2RF Datasheet HTML 15Page - Omron Electronics LLC P2RF Datasheet HTML 16Page - Omron Electronics LLC P2RF Datasheet HTML 17Page - Omron Electronics LLC P2RF Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Common Sockets
14
PYFZ/PYF
(Unit: mm)
Relay Sockets and Short Bars for PYFZ/PYF
Bridges within the Same Socket
Note: The
@ in the model number is replaced with the insulation color specification code. B: Black, Y: Yellow
Dimensions
Terminal
Arrangement/Internal
Connections
Mounting Hole Dimensions
Pitch
Applicabl
e models
Appearance
Dimensions (mm)
Model
Specifications
7
mm
PYFZ-14
PYF14A
PYD-020B
@(2P)
Max. carry current: 20 A (18 A at 70°C)
Ambient operating temperature: -40 to 70°C (with no
icing or condensation)
Ambient operating humidity: 45% to 85% (with no
icing or condensation)
Conductor material: Brass
Conductor surface treatment: Nickel plating
Package qty: 50/bag
PYD-030B
@(3P)
4
29.5 max.
Two, 4.2 × 5
mounting holes
14-M3×8
35.4
6
30 max.
72 max.
6+0.2
−0.1
29.5 max.
Two, 4.2-dia × 5
mounting holes
14-M3×8
35.4
6
31 max.
72 max.
4
6+0.2
−0.1
PYFZ-14
PYFZ-14-E
(Finger Protection Structure)
(Top View)
1
5
9
10
12 11
14
4
13
6
8 7
2
3
Note: Track mounting is also
possible.
(Top View)
22±0.2
59±0.3
Two M3 or M4
or 4.5-dia. holes
29.5 max.
Two, 4.2 × 5
mounting holes
14-M3×8
3.4
35.4
4
6
16.5
30 max.
72 max.
6+0.2
−0.1
29.5 max.
Two, 4.2-dia × 5
mounting holes
14-M3×8
3.4
35.4
4
6
16.5
31 max.
72 max.
4
6+0.2
−0.1
PYF14A
PYF14A-E
(Finger Protection Structure)
1
5
9
10
12 11
14
4
13
6
8 7
2
3
(Top View)
22±0.2
59±0.3
Two M3 or M4
or 4.5-dia. holes
Note: Track mounting is also
possible.
(Top View)
7
3.2
5.6
7
7
3.2
5.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com