Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2RF Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # P2RF
Description  A Wide Variety of Square and Round Sockets in Front-mounting and Back-mounting Models
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RF Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button P2RF Datasheet HTML 14Page - Omron Electronics LLC P2RF Datasheet HTML 15Page - Omron Electronics LLC P2RF Datasheet HTML 16Page - Omron Electronics LLC P2RF Datasheet HTML 17Page - Omron Electronics LLC P2RF Datasheet HTML 18Page - Omron Electronics LLC P2RF Datasheet HTML 19Page - Omron Electronics LLC P2RF Datasheet HTML 20Page - Omron Electronics LLC P2RF Datasheet HTML 21Page - Omron Electronics LLC P2RF Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Common Sockets
18
PTF
(Unit: mm)
Note: If you use the PTF08A, PTF08A-E, or PT08 with an LY1 Relay, connect the following terminal pairs: 1-2, 3-4, and 5-6 (for usage at 10 A or higher).
Dimensions
Terminal Arrangement/
Internal Connections
Mounting Hole Dimensions
35.4
8
30 max.
28.5 max.
78.5 max.
3.4
8-M3.5×8
Two, 4.5 × 6
mounting holes
7±0.2
PTF08A
4
6
5
8 7
2 1
3
(Top View)
68±0.3
Two, 4.5 dia. or
M4 mounting holes
19±0.2
Note: Track mounting is also
possible.
(Top View)
35.5
3.4
33 max.
28.5 max.
78.5 max.
8-M3.5×8
8
Two, 4.5 × 6
mounting holes
PTF08A-E (Finger Protection Structure)
3.4
30 max.
37 max.
78.5 max.
11-M3.5×8
Two, 4.5 × 6
mounting holes
8
35.4
7±0.2
PTF11A
9
11
8
6 5 4
3 2 1
7
10
(Top View)
68±0.3
Two, 4.5 × 6 mounting holes
27.5±0.2
Note: Track mounting is also possible.
(Top View)
30 max.
45.5 max.
78.5 max.
Two, 4.5 × 6
mounting holes
8
35.4
3.4
7±0.2
14-M3.5×8
PTF14A
8
11 10 9
12
13
14
7 6 5
4 3 2 1
(Top View)
68±0.3
Two, 4.5 dia. or M4 mounting holes
36±0.2
(Top View)
Note: Track mounting is also possible.
7±0.2
33 max.
45.5 max.
78.5 max.
Two, 4.5 × 6
mounting holes
14-M3.5×8
8
35.5
3.4
PTF14A-E (Finger Protection Structure)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com