Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5802PWPR Datasheet(PDF) 21 Page - Texas Instruments

Part # TAS5802PWPR
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5802PWPR Datasheet HTML 17Page - Texas Instruments TAS5802PWPR Datasheet HTML 18Page - Texas Instruments TAS5802PWPR Datasheet HTML 19Page - Texas Instruments TAS5802PWPR Datasheet HTML 20Page - Texas Instruments TAS5802PWPR Datasheet HTML 21Page - Texas Instruments TAS5802PWPR Datasheet HTML 22Page - Texas Instruments TAS5802PWPR Datasheet HTML 23Page - Texas Instruments TAS5802PWPR Datasheet HTML 24Page - Texas Instruments TAS5802PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
6 Detailed Description
6.1 Overview
The TAS5802 device integrates 4 main building blocks into a single cohesive device that maximizes sound
quality, flexibility, and ease of use. The 4 main building blocks are listed as follows:
• A stereo audio DAC.
• An Audio DSP subsystem.
• A flexible close-loop amplifier capable of operating in stereo or mono, at several different switching
frequencies, and with a variety of output voltages and loads.
• An I2C control port for communication with the device
The device requires only two power supplies for proper operation. A DVDD supply is required to power the
low-voltage digital circuitry. Another supply, called PVDD, is required to provide power to the output stage of the
audio amplifier. One internal LDO convert PVDD to 5 V for GVDD and AVDD.
TAS5802 implements a dynamic range boost to minimize the idle channel noise, while maintaining the same
dynamic range.
6.2 Functional Block Diagram
Serial
Audio
Port
SCLK
LRCLK
SDIN
uCDSP
Process Flow
DAC
DAC
I->V
I->V
Analog
To
PWM
Modulator
Gate
Driver
Gate
Driver
Full
Bridge
Power
Stage A
Full
Bridge
Power
Stage B
Output
Current
Protectio
n
Out_A+
Out_A-
Out_B+
Out_B-
Error Reporting
Die Temperature Monitoring
UV/OV/OT Protection
Clock Monitoring
Internal Control Registers and State Machines
SDOUT
SDOUT
PDN
ADR/FAULT
SCL
SDA
1.5V Regulator
(For Digital Core)
VR_DIG
DVDD
AVDD
5V Regulator
(For Analog
and Gate Driver
PVDD
PVDD
Digital Part
Signal Chain
Power Stage
GVDD
www.ti.com
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com