Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5802PWPR Datasheet(PDF) 41 Page - Texas Instruments

Part # TAS5802PWPR
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR Datasheet(HTML) 41 Page - Texas Instruments

Back Button TAS5802PWPR Datasheet HTML 37Page - Texas Instruments TAS5802PWPR Datasheet HTML 38Page - Texas Instruments TAS5802PWPR Datasheet HTML 39Page - Texas Instruments TAS5802PWPR Datasheet HTML 40Page - Texas Instruments TAS5802PWPR Datasheet HTML 41Page - Texas Instruments TAS5802PWPR Datasheet HTML 42Page - Texas Instruments TAS5802PWPR Datasheet HTML 43Page - Texas Instruments TAS5802PWPR Datasheet HTML 44Page - Texas Instruments TAS5802PWPR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 106 page
background image
7.1.1 RESET_CTRL Register (Offset = 1h) [Reset = 00h]
RESET_CTRL is shown in Figure 7-1 and described in Table 7-3.
Return to the Summary Table.
Reset control
Figure 7-1. RESET_CTRL Register
7
6
5
4
3
2
1
0
RESERVED
RST_MOD
RESERVED
RST_REG
W-0h
W-0h
W-0h
W-0h
Table 7-3. RESET_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
W
0h
4
RST_MOD
W
0h
WRITE CLEAR BIT
Reset Modules
This bit resets the interpolation filter and the DAC modules. Since the
DSP is also reset, the coeffient RAM content will also be cleared by
the DSP. This bit is auto cleared and can be set only in hiz mode.
0: Normal
1: Reset modules
3-1
RESERVED
W
0h
0
RST_REG
W
0h
WRITE CLEAR BIT
Reset Registers
This bit resets the mode registers back to their initial values. The
RAM content is not cleared. This bit is auto cleared and must be set
only when the DAC is in hiz mode (resetting registers when the DAC
is running is prohibited and not supported)
0: Normal
1: Reset mode registers
www.ti.com
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com