Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5802PWPR Datasheet(PDF) 39 Page - Texas Instruments

Part # TAS5802PWPR
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5802PWPR Datasheet HTML 35Page - Texas Instruments TAS5802PWPR Datasheet HTML 36Page - Texas Instruments TAS5802PWPR Datasheet HTML 37Page - Texas Instruments TAS5802PWPR Datasheet HTML 38Page - Texas Instruments TAS5802PWPR Datasheet HTML 39Page - Texas Instruments TAS5802PWPR Datasheet HTML 40Page - Texas Instruments TAS5802PWPR Datasheet HTML 41Page - Texas Instruments TAS5802PWPR Datasheet HTML 42Page - Texas Instruments TAS5802PWPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
7.1 CONTROL PORT Registers
Table 7-1 lists the memory-mapped registers for the CONTROL_PORT registers. All register offset addresses
not listed in Table 7-1 should be considered as reserved locations and the register contents should not be
modified.
Table 7-1. CONTROL PORT Registers
Offset
Acronym
Register Name
Section
1h
RESET_CTRL
Reset control
Go
2h
DEVICE_CTRL1
Device control 1
Go
3h
DEVICE_CTRL2
Device control 2
Go
Fh
I2C_PAGE_AUTO_INC
I2C DSP memory access page auto increment
Go
28h
SIG_CH_CTRL
Signal chain control
Go
29h
CLOCK_DET_CTRL
Clock detection control
Go
30h
SDOUT_SEL
SDOUT selection
Go
31h
I2S_CTRL
I2S control 0
Go
33h
SAP_CTRL1
I2S control 1
Go
34h
SAP_CTRL2
I2S control 2
Go
35h
SAP_CTRL3
I2S control 3
Go
37h
FS_MON
FS monitor
Go
38h
BCLK_MON
Bclk monitor
Go
39h
CLKDET_STATUS
Clock detection status
Go
40h
DSP_PGM_MODE
DSP program mode
Go
46h
DSP_CTRL
DSP control
Go
4Ch
DAC_GAIN_LEFT
Left digital volume
Go
4Dh
DAC_GAIN_RIGHT
Right digital volume
Go
4Eh
DIG_VOL_CTRL2
Digital volume control 2
Go
4Fh
DIG_VOL_CTRL3
Digital volume control 3
Go
50h
AUTO_MUTE_CTRL
Auto mute control
Go
51h
AUTO_MUTE_TIME
Auto mute time
Go
53h
ANA_CTRL
Analog control
Go
54h
AGAIN
Analog gain
Go
60h
ADR_CTRL
ADR control
Go
61h
ADR_SEL
ADR output selection
Go
67h
DIE_ID
DIE ID
Go
68h
POWER_STATE
Power State
Go
69h
AUTOMUTE_STATE
Auto mute state
Go
6Ah
RAMP_PHASE_CTRL
Switching clock phase control
Go
6Bh
RAMP_SS_CTRL0
Spread spectrum control 0
Go
6Ch
RAMP_SS_CTRL1
Spread spectrum control 1
Go
70h
CHAN_FAULT
Channel fault
Go
71h
GLOBAL_FAULT1
Global fautl 1
Go
72h
GLOBAL_FAULT2
Global fautl 2
Go
73h
OT_WARNING
OT Warning
Go
74h
PIN_CONTROL1
Pin control 1
Go
75h
PIN_CONTROL2
Pin control 2
Go
76h
MISC_CONTROL
Miscellaneous control
Go
78h
FAULT_CLEAR
Fault clear
Go
www.ti.com
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com